Electronic Components Datasheet Search
  English  ▼

X  

STLC2416 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STLC2416
Description  BLUETOOTH BASEBAND WITH INTEGRATED FLASH
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC2416 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STLC2416 Datasheet HTML 5Page - STMicroelectronics STLC2416 Datasheet HTML 6Page - STMicroelectronics STLC2416 Datasheet HTML 7Page - STMicroelectronics STLC2416 Datasheet HTML 8Page - STMicroelectronics STLC2416 Datasheet HTML 9Page - STMicroelectronics STLC2416 Datasheet HTML 10Page - STMicroelectronics STLC2416 Datasheet HTML 11Page - STMicroelectronics STLC2416 Datasheet HTML 12Page - STMicroelectronics STLC2416 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
9/27
STLC2416
Table 9. STLC2416 Pin List (continued)
Name
Pin #
Description
Power Supply
vsspll
T15
PLL ground
vddpll
V15
1.8V supply for PLL
vdd
A4
1.8V Digital supply
vdd
F1
1.8V Digital supply
vdd
J1
1.8V Digital supply
vdd
U1
1.8V Digital supply
vdd
T8
1.8V Digital supply
vddf
K3
1.8V Digital supply Flash
vddq
M3
1.8V I/O's supply Flash
vpp
J3
12V fast program supply Flash
vddio
C13
3.3V I/O's supply
vddio
A5
3.3V I/O's supply
vddio
T13
3.3V I/O's supply
vddio
G16
3.3V I/O's supply
vss
A3
Digital ground
vss
G1
Digital ground
vss
K1
Digital ground
vss
V1
Digital ground
vss
T9
Digital ground
vssf
L3
Digital ground Flash
vssio
C12
I/O's ground
vssio
C4
I/O's ground
vssio
T14
I/O's ground
vssio
D16
I/O's ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com