Electronic Components Datasheet Search
  English  ▼

X  

LTC4040 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4040
Description  Battery Charger and Backup Power Manager
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4040 Datasheet(HTML) 3 Page - Linear Technology

  LTC4040 Datasheet HTML 1Page - Linear Technology LTC4040 Datasheet HTML 2Page - Linear Technology LTC4040 Datasheet HTML 3Page - Linear Technology LTC4040 Datasheet HTML 4Page - Linear Technology LTC4040 Datasheet HTML 5Page - Linear Technology LTC4040 Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
dc2118af
DEMO MANUAL DC2118A
QUICK START PROCEDURE
Figure 3. Proper Measurement Equipment Setup
11. Total backup runtime is based on battery capacity,
circuit efficiency, and system load. Figure 2 shows an
exampledischargecurvewithconstantcurrentsystem
load.
12. WhenVSYSfallsbelow7.5%oftheprogrammedvalue,
or 4.6V, then RST will toggle on.
Optional
1. UseanexternalthermistorconnectedbetweenEXTNTC
and GND as shown in Figure 3, with the NTC jumper,
JP1, set to EXT.
2. Change the setting of the ENCHG, JP2, or ENBST, JP3,
jumpers to enable/disable charging and backup boost
respectively.
3. Monitor the PROG pin voltage for a scaled representa-
tion of the instantaneous charge current according to
the relationship:
IBAT =
2000 • VPROG
RPROG
Where RPROG = R6 = 1kΩ.
4. MonitortheCLPROGpinvoltageforascaledrepresenta-
tion of the instantaneous total input current according
to the relationship:
IVIN =
VCLPROG
32•RS
Where RS = R7 = 10mΩ.
5. All status LEDs can be disconnected to reduce the
quiescent current by setting the LEDS jumper, JP6 to
OFF.
6. External VDD can be used by connecting to EXTVDD
and installing 0Ω for R16.
+
Table 1. Battery Charge Voltage Jumper Settings
JP7
JP5
JP4
F2 = 1 (Li-Ion) F2 = 0 (LiFePO4)
F1
F0
3.95
3.45
0
0
4.00
3.50
0
1
4.05
3.55
1
0
4.10
3.60
1
1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com