Electronic Components Datasheet Search
  English  ▼

X  

LTC4040 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4040
Description  Battery Charger and Backup Power Manager
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4040 Datasheet(HTML) 4 Page - Linear Technology

  LTC4040 Datasheet HTML 1Page - Linear Technology LTC4040 Datasheet HTML 2Page - Linear Technology LTC4040 Datasheet HTML 3Page - Linear Technology LTC4040 Datasheet HTML 4Page - Linear Technology LTC4040 Datasheet HTML 5Page - Linear Technology LTC4040 Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
dc2118af
DEMO MANUAL DC2118A
PARTS LIST
ITEM
QTY REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
Required Circuit Components
1
1
CIN1
CAP., X7R, 0.1µF, 10%, 50V, 0805
AVX, 08055C104KAT4A
2
2
COUT1, COUT2
CAP., X5R, 100µF, 20%, 10V, 1210
MURATA, GRM32ER61A107ME20L
3
1
C2
CAP., X7R, 2.2µF, 10%, 6.3V, 0805
MURATA, GRM21BR70J225MA01L
4
1
C3
CAP., X5R, 10µF, 20%, 10V, 0603
AVX, 0603ZD106MAT2A
5
2
C7, C9
CAP., X7R, 0.1µF, 10%, 10V, 0603
AVX, 0603ZC104KA72
6
1
L1
INDUCTOR, 2.2µH
COILCRAFT, XAL5030-222ME
7
1
Q2
XSTR, MOSFET N-CHANNEL, 20-V
VISHAY, SiS424DN-T1-GE3
8
1
R2
RES., 357k, 1/16W, 1%, 0402
VISHAY, CRCW0402357KFKED
9
1
R4
RES., 1.69MΩ, 1/16W, 1%, 0402
VISHAY, CRCW04021M69FKED
10
1
R5
RES., 324k, 1/16W, 1%, 0402
VISHAY, CRCW0402324KFKED
11
1
R6
RES., 1.00k, 1/10W, 1%, 0603
VISHAY, CRCW06031K00FKED
12
1
R7
RES., 0.01Ω, 1/4W, 1%, 1206
VISHAY, WSL1206R0100FEB
13
1
R8
RES., 10k, 1/16W, 1%, 0402
VISHAY, CRCW040210K0FKED
14
1
R11
RES., 0Ω JUMPER, 0402
VISHAY, CRCW04020000Z0ED
15
1
R25
RES., 1Ω, 1/8W, 5%, 0805
VISHAY, CRCW0805100RJNEA
16
1
R27
RES., 121k, 1/16W, 1%, 0402
VISHAY, CRCW040260K4FKED
17
1
U1
I.C., LTC4040EUFD
LINEAR TECH, LTC4040EUFD#PBF
Additional Demo Board Circuit Components
1
0
C4, C6
CAP., 0402
OPT
2
1
C5
CAP., X5R, 0.1µF, 10%, 10V, 0402
MURATA, GRM155R71A104KA01J
3
1
D1
DIODE, SCHOTTKY
NXP, BAT46WJ
4
1
D3
DIODE, LED, SMT, RED, 0603
LITE-ON, LTST-C193KRKT-5A
5
2
D4, D5
DIODE, LED, SMT, ORANGE, 0603
LTIE-ON, LTST-C193KFKT-5A
6
1
D6
DIODE, LED, SMT, GREEN, 0603
LITE-ON, LTST-C193KGKT-5A
7
1
Q1
XSTR, MOSFET N-CHANNEL, 40-V
VISHAY, SiS488DN-T1-GE3
8
1
RNTC
RES., 10k, 1/16W, 1%, 0402
VISHAY, CRCW040210K0FKED
9
1
R1
RES., 6.2k, 1/8W, 5%, 0805
VISHAY, CRCW08056K20JNEA
10
0
R12, R13, R16
RES., 0402
OPT
11
4
R21-R24
RES., 390Ω, 1/16W, 5%, 0402
VISHAY, CRCW0402390RJNED
Hardware: For Demo Board Only
1
18
E1, E2, E4-E19
TEST POINT, TURRET, 0.094"
MILL-MAX, 2501-2-00-80-00-00-07-0
2
7
JP1-JP7
3 PIN JUMPER, 2mm
SAMTEC TMM-103-02-L-S
3
7
XJP1-XJP7
SHUNT, 2mm
SAMTEC 2SN-BK-G
4
4
STAND-OFF
STAND-OFF, NYLON
KEYSTONE, 8834(SNAP ON)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com