Electronic Components Datasheet Search
  English  ▼

X  

LTC4079 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4079
Description  60V, 250mA Linear Charger with Low Quiescent Current
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4079 Datasheet(HTML) 1 Page - Linear Technology

  LTC4079 Datasheet HTML 1Page - Linear Technology LTC4079 Datasheet HTML 2Page - Linear Technology LTC4079 Datasheet HTML 3Page - Linear Technology LTC4079 Datasheet HTML 4Page - Linear Technology LTC4079 Datasheet HTML 5Page - Linear Technology LTC4079 Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
dc2133afa
DEMO MANUAL DC2133A
DESCRIPTION
LTC4079
60V, 250mA Linear Charger
with Low Quiescent Current
Demonstration circuit 2133A features a simple battery
charger circuit using the LTC®4079 high-voltage mono-
lithic linear charger. The DC2133 has an input voltage
range from 2.7V to 60V and is capable of supplying up
to 250mA charge current. The charge voltage is jumper-
selectable to 4.2V or 8.4V. Charge current is adjustable
via the PROG pin and initially programmed for 99mA. In
shutdown or when unpowered, LTC4079 consumes only
10nA from the battery.
DC2133A is initially configured to enable charging from
application of VIN above the LTC4079 UVLO threshold.
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
PERFORMANCE SUMMARY
The NTC input is connected to an on-board resistance to
enable charging with only a 2-wire battery connection;
however an external thermistor may be used with the
NTC test point.
Termination is accomplished by timer method. Charging
status is reflected by the CHRG LED.
Design files for this circuit board are available at
http://www.linear.com/demo/DC2133A
Specifications are at TA = 25°C
Figure 1. Typical Battery Charge Cycle
PARAMETER
CONDITIONS
TYPICAL VALUE
Input Voltage Range
2.7V to 60V
Default Charging Voltage
VBAT = 4.2
4.2V
Default Charging Current
RPROG = 3.01k
99mA
PROG Pin Voltage
RPROG = 3.01k, ICHG = 99mA
2.5V
Input Regulation Voltage
EN = REG (JP1)
10.3V
Default Charge Timer
CTMR = 0.068μF
3h 45 min
TIME (HOURS)
0
100
80
60
40
20
90
70
50
30
10
0
1
dc2133a F01
5
3
2
4
3.2
3.6
5.2
3.4
3.8
4.6
4.4
4.2
4
5.0
4.8
C/10
TERMINATION
CHRG
240mAh Li-Ion
VIN = 5V
RPROG = 3.01k
CTMR = 0.068µF
IBAT
VBAT


Similar Part No. - LTC4079

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4079 LINER-LTC4079_15 Datasheet
270Kb / 20P
60V, 250mA Linear Charger with Low Quiescent Current
More results

Similar Description - LTC4079

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9011 TSC-TS9011_07 Datasheet
269Kb / 6P
250mA Low Quiescent Current CMOS LDO
logo
Maxim Integrated Produc...
MAX5086 MAXIM-MAX5086_08 Datasheet
323Kb / 13P
45V, 250mA, Low-Quiescent-Current Linear Regulator with Adjustable Reset Delay
Rev 2; 2/08
logo
Taiwan Semiconductor Co...
TS9011 TSC-TS9011_10 Datasheet
237Kb / 7P
250mA Low Quiescent Current CMOS LDO
TS9011PCT TSC-TS9011PCT Datasheet
237Kb / 7P
250mA Low Quiescent Current CMOS LDO
logo
Orister Corporation
RS7202 ORISTER-RS7202 Datasheet
480Kb / 7P
250mA Low Quiescent Linear Regulator with Enable
logo
Taiwan Semiconductor Co...
TS9011 TSC-TS9011_15 Datasheet
399Kb / 7P
250mA Low Quiescent Current CMOS LDO
logo
Linear Technology
LTC4079 LINER-LTC4079_15 Datasheet
270Kb / 20P
60V, 250mA Linear Charger with Low Quiescent Current
logo
Maxim Integrated Produc...
MAX17651 MAXIM-MAX17651 Datasheet
528Kb / 8P
60V, 100mA, Ultra-Low Quiescent Current, Linear Regulator
Rev 1; 3/16
logo
E-CMOS Corporation
EC6209 E-CMOS-EC6209 Datasheet
1Mb / 24P
250mA Low- Quiescent Current Linear Regulator
logo
Maxim Integrated Produc...
MAX5086AATN MAXIM-MAX5086AATN Datasheet
1Mb / 15P
65V, 250mA, Low-Quiescent-Current Linear Regulator with Adjustable Reset Delay
19-3878; Rev 1; 7/06
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com