Electronic Components Datasheet Search
  English  ▼

X  

LTC4079 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4079
Description  60V, 250mA Linear Charger with Low Quiescent Current
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4079 Datasheet(HTML) 4 Page - Linear Technology

  LTC4079 Datasheet HTML 1Page - Linear Technology LTC4079 Datasheet HTML 2Page - Linear Technology LTC4079 Datasheet HTML 3Page - Linear Technology LTC4079 Datasheet HTML 4Page - Linear Technology LTC4079 Datasheet HTML 5Page - Linear Technology LTC4079 Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
dc2133afa
DEMO MANUAL DC2133A
PARTS LIST
ITEM
QTY REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
Required Circuit Components
1
1
C1, C3
CAP, CHIP, X7R,1μF, 20%, 100V, 1210
AVX, 12101C105MAT2A
2
1
C2
CAP, CHIP, X5R,6.8µF, 10%, 25V, 1210
TDK, C3225X5R1E685K
3
1
CTMR
CAP, CHIP, X7R, 0.068μF, 10%, 50V, 0603
MURATA, GRM188R71H683KA93D
4
3
R2, R5, R6
RES, CHIP, 100kΩ, 1%, 0603
VISHAY, CRCW0603100KFKEA
5
1
R3
RES, CHIP, 768kΩ, 1%, 0805
VISHAY, CRCW0805768KFKEA
6
1
R4
RES, CHIP, 3.01kΩ, 1%, 0603
VISHAY, CRCW06033K01FKEA
7
1
R7
RES, CHIP, 1.07MΩ, 1%, 0805
VISHAY, CRCW08051M07FKEA
8
1
R8
RES, CHIP, 412kΩ, 1%, 0603
VISHAY, CRCW0603412KFKEA
9
1
R12
RES, CHIP, 2.55MΩ, 1%, 0805
VISHAY, CRCW08052M55FKEA
10
1
U1
I.C., LTC4079IDD
LINEAR TECH., LTC4079IDD#PBF
Additional Demo Board Circuit Components
1
1
LED1
DIODE, LED, SMT, GREEN, 0603
LITE-ON, LTST-C190KGKT
2
1
R1
RES, CHIP, 1Ω, 5% 0805
VISHAY, CRCW08051R00JNEA
3
1
R9
RES, CHIP, 12kΩ, 3/4W, 5%, 1210
VISHAY, CRCW121012K0JNEAHP
4
1
R10
RES, CHIP, 100kΩ, 1%, 0603
VISHAY, CRCW0603100KFKEA
5
1
R11
RES, CHIP, 12kΩ, 5%, 0805
VISHAY, CRCW080512K0JNEA
Hardware: For Demo Board Only
1
4
E1, E2, E6, E7
TEST POINT, TURRET, 0.094"
MILL-MAX, 2501-2-00-80-00-00-07-0
2
7
E3, E4, E5, E8, E9, E10, E11
TEST POINT, TURRET, 0.062"
MILL-MAX, 2308-2-00-80-00-00-07-0
3
1
JP1
2 x 4 PIN JUMPER, 0.1"
SAMTEC, TSW-104-07-L-D
4
4
JP2, JP3, JP4, JP5
3 PIN JUMPER, 2mm
SULLINS, NRPN031PAEN-RC
5
1
XJP1
SHUNT, 2 x 2, 0.1"
SAMTEC, MNT-102-BK-G
6
4
XJP2, XJP3, XJP4, XJP5
SHUNT, 0.079"
SAMTEC, 2SN-BK-G
7
4
STAND-OFF
STAND-OFF, NYLON 0.25"
KEYSTONE, 8831(SNAP ON)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com