Electronic Components Datasheet Search
  English  ▼

X  

LTC4271 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4271
Description  8-Port PSE with Digital Isolation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4271 Datasheet(HTML) 4 Page - Linear Technology

  LTC4271 Datasheet HTML 1Page - Linear Technology LTC4271 Datasheet HTML 2Page - Linear Technology LTC4271 Datasheet HTML 3Page - Linear Technology LTC4271 Datasheet HTML 4Page - Linear Technology LTC4271 Datasheet HTML 5Page - Linear Technology LTC4271 Datasheet HTML 6Page - Linear Technology LTC4271 Datasheet HTML 7Page - Linear Technology LTC4271 Datasheet HTML 8Page - Linear Technology LTC4271 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
dc1843bfa
DEMO MANUAL DC1843B
DEMONSTRATION CIRCUIT 1842B OPERATION
Figure 5. DC1842B 8-Port PSE Daughter Card with Digital Isolation Features the LTC4290B and LTC4271
8-Port PSE Daughter Card with Digital Isolation
Demonstration circuit 1842B (Figure 5) features the
LTC4290B/LTC4271 chipset on a compact daughter card
with digital isolation. The LTC4290B/LTC4271 chipset is
an 8-port power sourcing equipment (PSE) controller
designed for use in IEEE 802.3at Type 1 and Type 2 (high
power) compliant Power over Ethernet (PoE) systems. A
transformer isolated communication protocol replaces
expensiveopto-couplersandcomplexisolated3.3Vsupply
resulting in significant BOM cost savings. The LTC4290B/
LTC4271 chipset delivers lowest-in-industry heat dissipa-
tionbyutilizinglowRONexternalMOSFETsand0.25Ωsense
resistors, eliminating the need for expensive heat sinks.
Advanced power management features in the LTC4290B/
LTC4271 chipset include: per port 12-bit current monitor-
ing ADCs, DAC programmable current limit, and versatile
quick shutdown of preselected ports. PD discovery uses a
proprietarydualmode4-pointdetectionmechanismensur-
ing excellent immunity from false PD detection. Midspan
PSEs are supported with 2-event classification and a two
second backoff timer. The LTC4290B/LTC4271 includes
an I2C serial interface operable up to 1MHz.
The DC1842B demonstrates proper LTC4290B/LTC4271
board layout that is approximately the height and width
of a 2 × 4 RJ45 connector. The compact layout is made
possiblebythesmallpackagesizeofkeycomponents.The
LTC4290B is in a 6mm × 6mm QFN, while the LTC4271 is
in a 4mm × 4mm QFN. Each port has a PSMN075-100MSE
MOSFET in a 3mm × 3mm LFPAK33 package.
The daughter card inserts in the DC1680B motherboard
through J1, a polarized 30-pin connector. Isolated 3.3V
and logic control signals are brought in on this connec-
tor. Also connected at J1 is the PoE VEE supply from the
motherboard and 8 PSE controlled outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com