Electronic Components Datasheet Search
  English  ▼

X  

LTC4271 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4271
Description  8-Port PSE with Digital Isolation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4271 Datasheet(HTML) 5 Page - Linear Technology

  LTC4271 Datasheet HTML 1Page - Linear Technology LTC4271 Datasheet HTML 2Page - Linear Technology LTC4271 Datasheet HTML 3Page - Linear Technology LTC4271 Datasheet HTML 4Page - Linear Technology LTC4271 Datasheet HTML 5Page - Linear Technology LTC4271 Datasheet HTML 6Page - Linear Technology LTC4271 Datasheet HTML 7Page - Linear Technology LTC4271 Datasheet HTML 8Page - Linear Technology LTC4271 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
dc1843bfa
DEMO MANUAL DC1843B
DEMONSTRATION CIRCUIT 1842B OPERATION
Board Layout
Proper board layout is crucial for proper LTC4290B/
LTC4271 chipset operation, robustness, and accuracy.
When laying out, pay attention to parts placement, Kelvin
sensing, power paths, and copper fill. It is imperative to
follow the LTC4290B/LTC4271 Layout Guide document
when laying out the board. Contact Linear Technology
Corporation for this document.
Figure 6. DC1842B Digital and Analog Isolation
Isolation and Power Supplies
The LTC4290B/LTC4271 chipset provides communication
across an isolation barrier through a data transformer
(Figure 6). This eliminates the need for expensive opto-
couplers. All digital pins reside on the digital ground refer-
ence and are isolated from the analog PoE supply. A 3.3V
supply for VDD and an isolated VEE supply are connected
to the DC1842B through the 30-pin connector.
VDD33
VDD33
T1
DND
CPD
CND
DPD
AGND
VEE
DNA
VEE
VEE
ISOLATION
WÜRTH 7490100143
CPA
30-PIN
CONNECTOR
DC1842A SIDE
DC1680B SIDE
VDD33 SUPPLY
VEE SUPPLY
CNA
DPA
TX+
RX–
CT(4)
CT(2)
RX+
TX–
TD+
RD–
CT(3)
CT
RD+
TD–
U1
LTC4271
U2
LTC4290
C23
1µF
C21
0.1µF
R13
100
DC1843A F06
DGND
C19
1µF
100V
D1
SMAJ58A
R14
100
C22
1µF
R15
100
R16
100
R21
100
R35
10
R22
100
R23
100
R24
100
C24, 2nF
2kV
TVSBULK
CBULK
+–
+–
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com