Electronic Components Datasheet Search
  English  ▼

X  

MP5075 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP5075
Description  5.5V, 2.4A, Low RDS(ON) Load Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5075 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP5075 Datasheet HTML 1Page - Monolithic Power Systems MP5075 Datasheet HTML 2Page - Monolithic Power Systems MP5075 Datasheet HTML 3Page - Monolithic Power Systems MP5075 Datasheet HTML 4Page - Monolithic Power Systems MP5075 Datasheet HTML 5Page - Monolithic Power Systems MP5075 Datasheet HTML 6Page - Monolithic Power Systems MP5075 Datasheet HTML 7Page - Monolithic Power Systems MP5075 Datasheet HTML 8Page - Monolithic Power Systems MP5075 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MP5075
– 5.5V, 2.4A, LOW RDS(ON) LOAD SWITCH
MP5075 Rev 1.0
www.MonolithicPower.com
4
2/3/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 5V, TJ = -40°C to 125°C (5), typical value is tested at TJ = 25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Input and Supply Voltage Range
Input voltage
VIN
3
5.5
V
Supply Current
Off-state leakage current
IOFF
VIN = 5V, EN = 0
5
µA
VIN standby current
ISTBY
VIN = 5V, EN = 0
5
µA
VIN = 5V, enable, no load
230
300
Power FET
On resistance
RDSON
VIN = 5V
38
mΩ
VIN = 3.3V
48
Thermal Shutdown and Recovery
Shutdown temperature (6)
TSTD
150
°C
Hysteresis (6)
THYS
30
°C
Under-Voltage Protection (UVLO)
VIN under-voltage lockout threshold
VIN_UVLO
UVLO rising threshold
2.3
2.6
2.9
V
UVLO hysteresis
VUVLO-HYS
200
mV
Soft Start (SS)
SS time
TSS
0% to 100%
450
µs
Enable (EN)
EN rising threshold
VENH
1.3
1.5
1.7
V
EN hysteresis
VEN-HYS
200
mV
EN pull-down resistor
RPUD
1
M
Ω
ILIM
Current limit
IOUT
2.6
3
3.4
A
Discharge Resistance
Discharge resistance
RDIS
150
Ω
NOTES:
5) Guaranteed by over-temperature correlation, not tested in production.
6) Guaranteed by characterization, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com