Electronic Components Datasheet Search
  English  ▼

X  

MP5075 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP5075
Description  5.5V, 2.4A, Low RDS(ON) Load Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5075 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP5075 Datasheet HTML 4Page - Monolithic Power Systems MP5075 Datasheet HTML 5Page - Monolithic Power Systems MP5075 Datasheet HTML 6Page - Monolithic Power Systems MP5075 Datasheet HTML 7Page - Monolithic Power Systems MP5075 Datasheet HTML 8Page - Monolithic Power Systems MP5075 Datasheet HTML 9Page - Monolithic Power Systems MP5075 Datasheet HTML 10Page - Monolithic Power Systems MP5075 Datasheet HTML 11Page - Monolithic Power Systems MP5075 Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MP5075
– 5.5V, 2.4A, LOW RDS(ON) LOAD SWITCH
MP5075 Rev 1.0
www.MonolithicPower.com
10
2/3/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
OPERATION
The MP5075 is designed to limit the inrush
current to the load when a circuit card is inserted
into a live backplane power source, thereby
limiting the backplane’s voltage drop and the
slew rate of the voltage to the load. The MP5075
provides an integrated solution to monitor the
input voltage, output voltage, and output current
to eliminate the need for an external current
power MOSFET and current switch device.
Enable (EN)
When the input voltage is greater than the under-
voltage lockout (UVLO) threshold (typically 2.6V),
the MP5075 can be enabled by pulling EN above
1.5V. Pull EN down to ground to disable the
MP5075.
Current Limit
The MP5075 provides an internal, fixed, 3A,
constant current limit. Once the device reaches
its current limit threshold, the internal circuit
regulates the gate voltage to hold the current in
the power MOSFET constant. The typical
response time is about 20µs. The output current
may have a small overshoot during this time
period.
If the current limit block starts to regulate the
output current, the power loss on the power
MOSFET causes the IC temperature to rise. If
the junction temperature rises high enough,
thermal shutdown is triggered. After thermal
shutdown occurs, the output is disabled until the
over temperature fault is removed. The over-
temperature threshold is 150°C, and hysteresis
is 30°C.
Short-Circuit Protection (SCP)
If the load current increases rapidly due to a
short circuit, the current may exceed the current
limit threshold greatly before the control loop can
respond. If the current reaches an internal
secondary current limit level (typically 7A), a fast
turn-off circuit activates to turn off the power
MOSFET. This limits the peak current through
the switch to limit the input voltage drop. The
total short-circuit response time is about 200ns.
If fast turn-off is effective, the power MOSFET
remains off
for 80μs. Afterward, the power
MOSFET is turned on again. If the part is still in
the short-circuit condition, the MP5075 enters
current limit until the part is hot enough to trigger
thermal
shutdown.
After
the
short-circuit
condition is removed, the MP5075 auto-retries
after the silicon temperature drops.
Output Discharge
The MP5075 has an output discharge function.
This function can discharge VOUT by the
internal pull-down resistance when the IC is
disabled and the load is very light.
Soft Start (SS)
Soft start prevents large inrush current. The soft-
start time is set to 450
μs internally.
PCB Layout Guidelines
Efficient
PCB
layout
is
critical
for
stable
operation. For best results, refer to Figure 2 and
follow the guidelines below.
1. Place an input capacitor close to VIN.
2. Connect NC to GND for an easier layout.
3. Place enough vias around the IC and enough
copper area near VIN and VOUT to achieve
better thermal performance.
F
igure 2: Recommended Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com