Electronic Components Datasheet Search
  English  ▼

X  

ADC12L080EVAL Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12L080EVAL
Description  12-Bit, 80 MSPS, 450 MHz Bandwidth A/D Converter with Internal Reference
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12L080EVAL Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button ADC12L080EVAL Datasheet HTML 10Page - National Semiconductor (TI) ADC12L080EVAL Datasheet HTML 11Page - National Semiconductor (TI) ADC12L080EVAL Datasheet HTML 12Page - National Semiconductor (TI) ADC12L080EVAL Datasheet HTML 13Page - National Semiconductor (TI) ADC12L080EVAL Datasheet HTML 14Page - National Semiconductor (TI) ADC12L080EVAL Datasheet HTML 15Page - National Semiconductor (TI) ADC12L080EVAL Datasheet HTML 16Page - National Semiconductor (TI) ADC12L080EVAL Datasheet HTML 17Page - National Semiconductor (TI) ADC12L080EVAL Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Typical Performance Characteristics V
A =VD = 3.3V, VDR = 2.5V, VREF = 1.0V external,
VCM = 1.65V, fCLK = 80 MHz, fIN = 70 MHz, unless otherwise stated. (Continued)
SNR,SINAD,SFDR vs. f
CLK
Distortion vs. f
CLK
20061052
20061059
SNR,SINAD,SFDR vs. Clock Duty Cycle
Distortion vs. Clock Duty Cycle
20061053
20061060
SNR,SINAD,SFDR vs. V
REF
Distortion vs. V
REF
20061054
20061061
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com