Electronic Components Datasheet Search
  English  ▼

X  

SFH-5440 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SFH-5440
Description  Schmitt-Trigger IC in Smart DIL Package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-5440 Datasheet(HTML) 3 Page - OSRAM GmbH

  SFH-5440 Datasheet HTML 1Page - OSRAM GmbH SFH-5440 Datasheet HTML 2Page - OSRAM GmbH SFH-5440 Datasheet HTML 3Page - OSRAM GmbH SFH-5440 Datasheet HTML 4Page - OSRAM GmbH SFH-5440 Datasheet HTML 5Page - OSRAM GmbH SFH-5440 Datasheet HTML 6Page - OSRAM GmbH SFH-5440 Datasheet HTML 7Page - OSRAM GmbH SFH-5440 Datasheet HTML 8Page - OSRAM GmbH SFH-5440 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Version 1.0
SFH 5440
2010-09-15
3
Output voltage "low"
Ausgangsspannung „low”
(IOUT = 16 mA)
(typ)
(max)
VOUT low
VOUT low
0.15
0.4
V
V
Treshold "ON"
Schaltwelle
( = 950 nm, "H" "L")
(typ)
(max)
Ee, ON
Ee, ON
1700
3200
mW/m²
mW/m²
Hysteresis
Hysterese
(min)
(typ)
(max)
Ee,off /
Ee,on
0.5
0.6
0.9
Half angle
Halbwinkel
± 60
°
Rise time
Anstiegszeit
(RL = 280 , Ee = 600 μW/cm2, = 950 nm)
(typ)
tr
0.1
μs
Fall time
Abfallzeit
(RL = 280 , Ee = 600 μW/cm2, = 950 nm)
(typ)
tf
0.1
μs
Propagation delay time "H" "L"
Ausgangsverzögerunszeit
(RL = 280 , Ee = 600 μW/cm2, = 950 nm)
(typ)
(max)
tPHL
tPHL
5
15
μs
μs
Propagation delay time "L" "H"
Ausgangsverzögerunszeit
(RL = 280 , Ee = 600 μW/cm2, = 950 nm)
(typ)
(max)
tPLH
tPLH
5
15
μs
μs
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com