Electronic Components Datasheet Search
  English  ▼

X  

SFH-7050 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH-7050
Description  BioMon Sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-7050 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH-7050 Datasheet HTML 1Page - OSRAM GmbH SFH-7050 Datasheet HTML 2Page - OSRAM GmbH SFH-7050 Datasheet HTML 3Page - OSRAM GmbH SFH-7050 Datasheet HTML 4Page - OSRAM GmbH SFH-7050 Datasheet HTML 5Page - OSRAM GmbH SFH-7050 Datasheet HTML 6Page - OSRAM GmbH SFH-7050 Datasheet HTML 7Page - OSRAM GmbH SFH-7050 Datasheet HTML 8Page - OSRAM GmbH SFH-7050 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
2016-04-20
1
! 2007-05-23
BioMon Sensor
Datasheet
Version 1.1
SFH7050
7
Ordering Information SFH7050 BioMon
Features:
•
Multi chip package featuring 3 emitters and one detector
•
Small package:
(WxDxH) 4.7 mm x 2.5 mm x 0.9 mm
•
Light Barrier to block optical crosstalk
Applications
•
Heart rate monitoring
•
Pulse oximetry
for:
•
Wearable devices (e.g. smart watches, fitness trackers, ...)
•
Mobile devices
Type:
Ordering Code
SFH7050
Q65111A6271


Similar Part No. - SFH-7050

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-7051 OSRAM-SFH-7051 Datasheet
933Kb / 17P
BioMon Sensor
More results

Similar Description - SFH-7050

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
QL85H6S-ABC ROITHNER-QL85H6S-ABC Datasheet
242Kb / 5P
sensor
logo
Murata Manufacturing Co...
IML-0638 MURATA-IML-0638_17 Datasheet
185Kb / 2P
Sensor
logo
OSRAM GmbH
SFH7050 OSRAM-SFH7050 Datasheet
1Mb / 23P
BioMon Sensor
SFH7051 OSRAM-SFH7051 Datasheet
933Kb / 17P
BioMon Sensor
SFH7060 OSRAM-SFH7060 Datasheet
1Mb / 24P
BioMon Sensor
SFH-7051 OSRAM-SFH-7051 Datasheet
933Kb / 17P
BioMon Sensor
SFH-7060 OSRAM-SFH-7060 Datasheet
1Mb / 24P
BioMon Sensor
logo
HOPE Microelectronics C...
TH10 HOPE-TH10 Datasheet
651Kb / 15P
SENSOR
logo
Epson ToYoCom
TSU-20G EPSONTOYOCOM-TSU-20G Datasheet
448Kb / 2P
SENSOR QUARTZ PRESSURE SENSOR
logo
Epson Company
TSU EPSON-TSU Datasheet
448Kb / 2P
SENSOR QUARTZ PRESSURE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com