Electronic Components Datasheet Search
  English  ▼

X  

SFH-7050 Datasheet(PDF) 10 Page - OSRAM GmbH

Part # SFH-7050
Description  BioMon Sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-7050 Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button SFH-7050 Datasheet HTML 6Page - OSRAM GmbH SFH-7050 Datasheet HTML 7Page - OSRAM GmbH SFH-7050 Datasheet HTML 8Page - OSRAM GmbH SFH-7050 Datasheet HTML 9Page - OSRAM GmbH SFH-7050 Datasheet HTML 10Page - OSRAM GmbH SFH-7050 Datasheet HTML 11Page - OSRAM GmbH SFH-7050 Datasheet HTML 12Page - OSRAM GmbH SFH-7050 Datasheet HTML 13Page - OSRAM GmbH SFH-7050 Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
2016-04-20
10
Version 1.1
SFH7050
Max. permissible forward current
1)
I
F,max = f(TA), RthJA = 800 K/W
Permissible pulse handling capability
1)
I
F = f(tp), TA= 40°C, duty cycle D = parameter
Permissible pulse handling capability
1)
I
F = f(tp), TA= 85°C, duty cycle D = parameter
Diagrams for infrared emitter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com