Electronic Components Datasheet Search
  English  ▼

X  

SFH-9206 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH-9206
Description  Reflective Interrupter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-9206 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH-9206 Datasheet HTML 1Page - OSRAM GmbH SFH-9206 Datasheet HTML 2Page - OSRAM GmbH SFH-9206 Datasheet HTML 3Page - OSRAM GmbH SFH-9206 Datasheet HTML 4Page - OSRAM GmbH SFH-9206 Datasheet HTML 5Page - OSRAM GmbH SFH-9206 Datasheet HTML 6Page - OSRAM GmbH SFH-9206 Datasheet HTML 7Page - OSRAM GmbH SFH-9206 Datasheet HTML 8Page - OSRAM GmbH SFH-9206 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
2015-12-22
1
2015-12-22
Reflective Interrupter
Version 1.5
SFH 9206
Ordering Information
Features:
•
940nm emitter in combination with a silicon NPN phototransistor
•
Optimal operating distance 1 mm to 5 mm
•
Daylight cut-off filter
•
Emitter and detector electrically isolated
•
Soldering Methode: IR Reflow Soldering
•
Product complies to MSL Level 4
Applications
•
Position reporting
•
End position switch
•
Speed monitoring and regulating
•
Motion transmitter
Type:
Collector-emitter current
Ordering Code
IPCE [µA]
Kodak neutral white testcard with
90% reflection; I
F = 10 mA, VCE = 5 V,
d
= 1 mm
SFH 9206
160 ... 2000
Q65111A3179
SFH 9206-4
160 ... 320
-
SFH 9206-5/6
250 ... 800
Q65111A3177
SFH 9206-6/7
400 ... 1250
Q65111A3178
SFH 9206-8
1000 ... 2000
-


Similar Part No. - SFH-9206

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-9201 OSRAM-SFH-9201 Datasheet
288Kb / 15P
Reflective Interrupter
SFH-9202 OSRAM-SFH-9202 Datasheet
297Kb / 15P
Reflective Interrupter
More results

Similar Description - SFH-9206

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH9202 OSRAM-SFH9202 Datasheet
321Kb / 11P
Reflexlichtschranke Reflective Interrupter
logo
Everlight Electronics C...
ITR9907 EVERLIGHT-ITR9907 Datasheet
274Kb / 8P
Reflective Interrupter
logo
KODENSHI_AUK CORP.
KIR-1001A KODENSHI-KIR-1001A Datasheet
214Kb / 1P
Reflective Photo Interrupter Perception Color
logo
OSRAM GmbH
SFH9201 OSRAM-SFH9201 Datasheet
104Kb / 10P
Reflexlichtschranke Reflective Interrupter
logo
KODENSHI_AUK CORP.
KPI-3020R KODENSHI-KPI-3020R Datasheet
102Kb / 1P
Photo Interrupter(Reflective)
logo
OSRAM GmbH
SFH9206 OSRAM-SFH9206 Datasheet
482Kb / 15P
Reflective Interrupter
SFH9245 OSRAM-SFH9245 Datasheet
195Kb / 14P
Reflective Interrupter with Schmitt-Trigger
SFH-9201 OSRAM-SFH-9201 Datasheet
288Kb / 15P
Reflective Interrupter
SFH-9245 OSRAM-SFH-9245 Datasheet
195Kb / 14P
Reflective Interrupter with Schmitt-Trigger
SFH-9202 OSRAM-SFH-9202 Datasheet
297Kb / 15P
Reflective Interrupter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com