Electronic Components Datasheet Search
  English  ▼

X  

SFH-9206 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SFH-9206
Description  Reflective Interrupter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-9206 Datasheet(HTML) 3 Page - OSRAM GmbH

  SFH-9206 Datasheet HTML 1Page - OSRAM GmbH SFH-9206 Datasheet HTML 2Page - OSRAM GmbH SFH-9206 Datasheet HTML 3Page - OSRAM GmbH SFH-9206 Datasheet HTML 4Page - OSRAM GmbH SFH-9206 Datasheet HTML 5Page - OSRAM GmbH SFH-9206 Datasheet HTML 6Page - OSRAM GmbH SFH-9206 Datasheet HTML 7Page - OSRAM GmbH SFH-9206 Datasheet HTML 8Page - OSRAM GmbH SFH-9206 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Version 1.5
SFH 9206
2015-12-22
3
Capacitance
(V
CE = 0 V, f = 1 MHz, E = 0)
(typ)
CCE
5
pF
Dark current
(V
CE = 16 V, E = 0)
(typ (max)) I
CE0
1 (≤ 50)
nA
Photocurrent (ambient light sensitivity)
(VCE = 5 V, EV = 1000 lx)
(typ)
I
PCE
1
mA
Interrupter
Collector-emitter current
(Kodak neutral white testcard with 90% reflection;
I
F = 10 mA, VCE = 5 V, d = 1 mm)
(min)
(typ)
(max)
IPCE
I
PCE
I
PCE
160
600
2000
µA
µA
µA
Collector-emitter saturation voltage
(Kodak neutral white testcard with 90% reflection; IF
= 10 mA, IC = 55 µA, d = 1 mm)
(typ (max)) V
CEsat
200 (< 600)
mV
Switching Times
Turn-on time 2) page 14
(V
CC = 5 V, IC = 100 µA, RL = 1 kΩ)
(typ)
ton
40
µs
Rise time 2) page 14
(V
CC = 5 V, IC = 100 µA, RL = 1 kΩ)
(typ)
t
r
30
µs
Turn-off time
2) page 14
(VCC = 5 V, IC = 100 µA, RL = 1 kΩ)
(typ)
toff
45
µs
Fall time
2) page 14
(VCC = 5 V, IC = 100 µA, RL = 1 kΩ)
(typ)
tf
40
µs
Parameter
Symbol
Values
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com