Electronic Components Datasheet Search
  English  ▼

X  

SFH-9245 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # SFH-9245
Description  Reflective Interrupter with Schmitt-Trigger
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-9245 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button SFH-9245 Datasheet HTML 4Page - OSRAM GmbH SFH-9245 Datasheet HTML 5Page - OSRAM GmbH SFH-9245 Datasheet HTML 6Page - OSRAM GmbH SFH-9245 Datasheet HTML 7Page - OSRAM GmbH SFH-9245 Datasheet HTML 8Page - OSRAM GmbH SFH-9245 Datasheet HTML 9Page - OSRAM GmbH SFH-9245 Datasheet HTML 10Page - OSRAM GmbH SFH-9245 Datasheet HTML 11Page - OSRAM GmbH SFH-9245 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
2013-11-05
8
Version 1.1
SFH 9245
Current Consumption vs. Ambient
Temperature 2) page13
Stromaufnahme vs. Umgebungstemperatur
2) Seite 13
ICC = f(TA, VCC)
Forward Current 2) page13
Durchlassstrom 2) Seite 13
IF = f(VF), single pulse, tp = 100 μs
OHF00514
0
-25
1
2
3
4
mA
6
CC
I
A
T
0
25
50
75
100
˚C
CC
V = 5 V
5
= 10 V
CC
V
= 20 V
V
CC
= 15 V
V
CC
OHF03828
F
I
10
-4
0.5
1
1.5
2
2.5 V3
10
0
A
0
F
V
-1
10
5
5
10
-2
-3
5
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com