Electronic Components Datasheet Search
  English  ▼

X  

SFH-9245 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SFH-9245
Description  Reflective Interrupter with Schmitt-Trigger
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-9245 Datasheet(HTML) 3 Page - OSRAM GmbH

  SFH-9245 Datasheet HTML 1Page - OSRAM GmbH SFH-9245 Datasheet HTML 2Page - OSRAM GmbH SFH-9245 Datasheet HTML 3Page - OSRAM GmbH SFH-9245 Datasheet HTML 4Page - OSRAM GmbH SFH-9245 Datasheet HTML 5Page - OSRAM GmbH SFH-9245 Datasheet HTML 6Page - OSRAM GmbH SFH-9245 Datasheet HTML 7Page - OSRAM GmbH SFH-9245 Datasheet HTML 8Page - OSRAM GmbH SFH-9245 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Version 1.1
SFH 9245
2013-11-05
3
Characteristics (TA = 25 °C)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Emitter
Sender
Emission wavelength
Zentrale Emissionswellenlänge
(typ)
peak
950
nm
Forward voltage
Durchlassspannung
(IF = 50 mA, tp = 20 ms)
(typ (max)) VF
1.45 ( 1.8)
V
Reverse current
Sperrstrom
(VR = 5 V)
(typ (max)) IR
not designed for
reverse operation
μA
Temperature coefficient of Ie or e
Temperaturkoeffizient von Ie bzw. e
(typ)
TCI
-0.5
% / K
Detector
Empfänger
Current consumption
Stromaufnahme
(VCC = 5 V)
(typ (max)) Icc
3.3 (< 5)
mA
Current Consumption
Stromaufnahme
(VCC = 18 V)
(typ)
Icc
5mA
Output voltage “high”
Ausgangsspannung „high“
(IOUT = 0 mA)
(typ (min)) VOH
VCC (> 4.0)
V
Output voltage "low"
Ausgangsspannung "low"
(IOUT = 16 mA)
(typ (max)) VOUT low
0.15 (< 0.4)
V
Rise time
Anstiegzeit
(VCC = 5 V, IF = 20 mA, RL = 280 k )
(typ)
tr
0.02
μs
Fall time
Abfallzeit
(VCC = 5 V, IF = 20 mA, RL = 280 k )
(typ)
tf
0.01
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com