Electronic Components Datasheet Search
  English  ▼

X  

AD8366 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8366
Description  Dual-Digital Variable Gain Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8366 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8366 Datasheet HTML 4Page - Analog Devices AD8366 Datasheet HTML 5Page - Analog Devices AD8366 Datasheet HTML 6Page - Analog Devices AD8366 Datasheet HTML 7Page - Analog Devices AD8366 Datasheet HTML 8Page - Analog Devices AD8366 Datasheet HTML 9Page - Analog Devices AD8366 Datasheet HTML 10Page - Analog Devices AD8366 Datasheet HTML 11Page - Analog Devices AD8366 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD8366
Data Sheet
Rev. B | Page 8 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
VS = 5 V, TA = 25°C, ZS = 200 Ω, ZL = 200 Ω, f = 10 MHz, unless otherwise noted.
4
6
8
10
12
14
16
18
20
22
0
5
10
15
20
25
30
35
40
45
50
55
60
GAIN CODE
TA = +85°C
TA = +25°C
TA = –40°C
Figure 5. Gain vs. Gain Code at 500 kHz, 3 MHz, 10 MHz, and 50 MHz
–10
5
0
5
10
15
20
25
100k
1M
10M
100M
1G
FREQUENCY (Hz)
GAIN CODE 32
GAIN CODE 16
GAIN CODE 00
GAIN CODE 48
GAIN CODE 63
Figure 6. Frequency Response vs. Gain Code
–1.0
–0.9
–0.8
–0.7
–0.6
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
10
20
30
40
50
60
GAIN CODE
Figure 7. Channel A-to-Channel B Amplitude Mismatch vs. Gain Code,
2 V p-p Output
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
0
5
10
15
20
25
30
35
40
45
50
55
60
GAIN CODE
FREQUENCY = 3MHz
FREQUENCY = 50MHz
TA = +85°C
TA = +25°C
TA = –40°C
Figure 8. Gain Error vs. Gain Code, Error Normalized to 10 MHz
19.0
19.2
19.4
19.6
19.8
20.0
20.2
20.4
20.6
20.8
21.0
–40 –30 –20 –10
0
10
20
30
40
50
60
70
80
TEMPERATURE (°C)
Figure 9. Gain vs. Temperature at Maximum Gain at 10 MHz
–1.0
–0.9
–0.8
–0.7
–0.6
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
10
20
30
40
50
60
GAIN CODE
Figure 10. Channel A-to-Channel B Phase Mismatch vs. Gain Code,
2 V p-p Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com