Electronic Components Datasheet Search
  English  ▼

X  

AD8366 Datasheet(PDF) 22 Page - Analog Devices

Part # AD8366
Description  Dual-Digital Variable Gain Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8366 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD8366 Datasheet HTML 18Page - Analog Devices AD8366 Datasheet HTML 19Page - Analog Devices AD8366 Datasheet HTML 20Page - Analog Devices AD8366 Datasheet HTML 21Page - Analog Devices AD8366 Datasheet HTML 22Page - Analog Devices AD8366 Datasheet HTML 23Page - Analog Devices AD8366 Datasheet HTML 24Page - Analog Devices AD8366 Datasheet HTML 25Page - Analog Devices AD8366 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
AD8366
Data Sheet
Rev. B | Page 22 of 28
CHARACTERIZATION SETUPS
Figure 58 and Figure 59 are characterization setups used
extensively to characterize the AD8366. Characterization was
done on single-ended and differential evaluation boards. The
bulk of the characterization was done using an automated VEE
program to control the equipment as shown in Figure 58. This
setup was used to measure P1dB, OIP3, OIP2, IMD2, IMD3,
harmonic distortion, gain, gain error, supply current, and noise
density. All measurements were done with a 200 Ω load. All balun,
output matching network, and filter losses were de-embedded.
Gain error was measured with constant input power. All other
measurements were done on 2 V p-p (4 dBm, re: 200 Ω) on
the output of the device under test (DUT), and 2 V p-p composite
output for two-tone measurements. To measure harmonic
distortion, band-pass and band-reject filters were used on
the input and output of the DUT.
Figure 59 shows the setup used to make differential measurements.
All measurements on this setup were done in a 50 Ω system and
post processed to reference the measurements to a 200 Ω system.
Gain and phase mismatch were measured with 2 V p-p on the
output, and small signal frequency responses were measured
with −30 dBm on the input of the DUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com