Electronic Components Datasheet Search
  English  ▼

X  

LT8645S Datasheet(PDF) 2 Page - Linear Technology

Part # LT8645S
Description  65V, 8A Synchronous Step-Down Silent Switcher 2 with 2.5關A Quiescent Current
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8645S Datasheet(HTML) 2 Page - Linear Technology

  LT8645S Datasheet HTML 1Page - Linear Technology LT8645S Datasheet HTML 2Page - Linear Technology LT8645S Datasheet HTML 3Page - Linear Technology LT8645S Datasheet HTML 4Page - Linear Technology LT8645S Datasheet HTML 5Page - Linear Technology LT8645S Datasheet HTML 6Page - Linear Technology LT8645S Datasheet HTML 7Page - Linear Technology LT8645S Datasheet HTML 8Page - Linear Technology LT8645S Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
LT8645S/LT8646S
2
8645Sfa
For more information www.linear.com/LT8645S
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN, EN/UV................................................................65V
PG.............................................................................42V
BIAS..........................................................................25V
FB, TR/SS . .................................................................4V
SYNC/MODE Voltage . ................................................6V
(Note 1)
ORDER INFORMATION
LT8645S
LT8646S
LQFN PACKAGE
32-LEAD (6mm
× 4mm × 0.94mm)
TOP VIEW
11
12
13
14
15
16
32
31
30
29
28
27
21
17
18
19
20
26
22
23
24
25
6
10
9
8
7
1
5
4
3
2
VIN
GND
GND
GND
NC
BIAS
VIN
VIN
NC
INTVCC
VIN
GND
GND
GND
NC
RT
VIN
VIN
NC
EN/UV
33
GND
34
GND
35
GND
36
GND
37
GND
38
GND
JEDEC BOARD:
θJA = 31°C/W, θJC(PAD) = 6°C/W (NOTE 3)
DEMO BOARD:
θJA = 21°C/W
EXPOSED PADS (PINS 33-38) ARE GND, SHOULD BE SOLDERED TO PCB
LQFN PACKAGE
32-LEAD (6mm
× 4mm × 0.94mm)
TOP VIEW
11
12
13
14
15
16
32
31
30
29
28
27
21
17
18
19
20
26
22
23
24
25
6
10
9
8
7
1
5
4
3
2
VIN
GND
GND
GND
NC
BIAS
VIN
VIN
NC
INTVCC
VIN
GND
GND
GND
NC
RT
VIN
VIN
NC
EN/UV
33
GND
34
GND
35
GND
36
GND
37
GND
38
GND
JEDEC BOARD:
θJA = 31°C/W, θJC(PAD) = 6°C/W (NOTE 3)
DEMO BOARD:
θJA = 21°C/W
EXPOSED PADS (PINS 33-38) ARE GND, SHOULD BE SOLDERED TO PCB
http://www.linear.com/product/LT8645S#orderinfo
PART NUMBER
PART MARKING*
FINISH CODE
PAD FINISH
PACKAGE TYPE**
MSL
RATING
TEMPERATURE RANGE
LT8645SEV#PBF
8645SV
e4
Au (RoHS)
LQFN (Laminate Package
with QFN Footprint)
3
–40°C to 125°C
LT8645SIV#PBF
LT8646SEV#PBF
8646SV
LT8646SIV#PBF
• Consult Marketing for parts specified with wider operating temperature
ranges. *Device temperature grade is indicated by a label on the shipping
container.
• Pad finish code is per IPC/JEDEC J-STD-609.
• Terminal Finish Part Marking: www.linear.com/leadfree
• Recommended PCB Assembly and Manufacturing Procedures:
www.linear.com/umodule/pcbassembly
• Package and Tray Drawings: www.linear.com/packaging
Parts ending with PBF are RoHS and WEEE compliant. **The LT8645S/LT8646S package has the same footprint as a standard 6mm × 4mm QFN Package.
Operating Junction Temperature Range (Note 2)
LT8645SE/LT8646SE......................... –40°C to 125°C
LT8645SI/LT8646SI........................... –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
Maximum Reflow (Package Body) Temperature ...260°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com