Electronic Components Datasheet Search
  English  ▼

X  

LT8645S Datasheet(PDF) 20 Page - Linear Technology

Part # LT8645S
Description  65V, 8A Synchronous Step-Down Silent Switcher 2 with 2.5關A Quiescent Current
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8645S Datasheet(HTML) 20 Page - Linear Technology

Back Button LT8645S Datasheet HTML 16Page - Linear Technology LT8645S Datasheet HTML 17Page - Linear Technology LT8645S Datasheet HTML 18Page - Linear Technology LT8645S Datasheet HTML 19Page - Linear Technology LT8645S Datasheet HTML 20Page - Linear Technology LT8645S Datasheet HTML 21Page - Linear Technology LT8645S Datasheet HTML 22Page - Linear Technology LT8645S Datasheet HTML 23Page - Linear Technology LT8645S Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
LT8645S/LT8646S
20
8645Sfa
For more information www.linear.com/LT8645S
APPLICATIONS INFORMATION
Table 1. SW Frequency vs RT Value
fSW (MHz)
RT (k)
0.2
232
0.3
150
0.4
110
0.5
88.7
0.6
71.5
0.7
60.4
0.8
52.3
1.0
41.2
1.2
33.2
1.4
28.0
1.6
23.7
1.8
20.5
2.0
17.8
2.2
15.8
Operating Frequency Selection and Trade-Offs
Selection of the operating frequency is a trade-off between
efficiency, component size, and input voltage range. The
advantageofhighfrequencyoperationisthatsmallerinduc-
tor and capacitor values may be used. The disadvantages
are lower efficiency and a smaller input voltage range.
The highest switching frequency (fSW(MAX)) for a given
application can be calculated as follows:
fSW(MAX) =
VOUT + VSW(BOT)
tON(MIN) VIN − VSW(TOP) + VSW(BOT)
(
)
(4)
where VIN is the typical input voltage, VOUT is the output
voltage, VSW(TOP) and VSW(BOT) are the internal switch
drops (~0.3V, ~0.2V, respectively at maximum load) and
tON(MIN) is the minimum top switch on-time (see the Elec-
trical Characteristics). This equation shows that a slower
switching frequency is necessary to accommodate a high
VIN/VOUT ratio.
For transient operation, VIN may go as high as the abso-
lute maximum rating of 65V regardless of the RT value,
however the LT8645S/LT8646S will reduce switching
frequency as necessary to maintain control of inductor
current to assure safe operation.
The LT8645S/LT8646S is capable of a maximum duty
cycle of approximately 99%, and the VIN-to-VOUT dropout
is limited by the RDS(ON) of the top switch. In this mode
the LT8645S/LT8646S skips switch cycles, resulting in a
lower switching frequency than programmed by RT.
For applications that cannot allow deviation from the pro-
grammed switching frequency at low VIN/VOUT ratios use
the following formula to set switching frequency:
VIN(MIN) =
VOUT + VSW(BOT)
1− fSW •tOFF(MIN)
− VSW(BOT) + VSW(TOP) (5)
where VIN(MIN) is the minimum input voltage without
skipped cycles, VOUT is the output voltage, VSW(TOP) and
VSW(BOT) are the internal switch drops (~0.3V, ~0.2V,
respectively at maximum load), fSW is the switching fre-
quency (set by RT), and tOFF(MIN) is the minimum switch
off-time.Notethathigherswitchingfrequencywillincrease
the minimum input voltage below which cycles will be
dropped to achieve higher duty cycle.
Inductor Selection and Maximum Output Current
The LT8645S/LT8646S is designed to minimize solution
size by allowing the inductor to be chosen based on the
output load requirements of the application. During over-
load or short-circuit conditions the LT8645S/LT8646S
safelytoleratesoperationwithasaturatedinductorthrough
the use of a high speed peak-current mode architecture.
A good first choice for the inductor value is:
L =
VOUT + VSW(BOT)
fSW
 • 0.4
(6)
where fSW is the switching frequency in MHz, VOUT is the
outputvoltage,VSW(BOT)isthebottomswitchdrop(~0.2V)
and L is the inductor value in H.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com