Electronic Components Datasheet Search
  English  ▼

X  

LTC2057 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2057
Description  High Voltage, Low Noise Zero-Drift Operational Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2057 Datasheet(HTML) 2 Page - Linear Technology

  LTC2057 Datasheet HTML 1Page - Linear Technology LTC2057 Datasheet HTML 2Page - Linear Technology LTC2057 Datasheet HTML 3Page - Linear Technology LTC2057 Datasheet HTML 4Page - Linear Technology LTC2057 Datasheet HTML 5Page - Linear Technology LTC2057 Datasheet HTML 6Page - Linear Technology LTC2057 Datasheet HTML 7Page - Linear Technology LTC2057 Datasheet HTML 8Page - Linear Technology LTC2057 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LTC2057/LTC2057HV
2
2057f
For more information www.linear.com/LTC2057
absoluTe MaxiMuM raTings
Total Supply Voltage (V+ to V–)
LTC2057 ..............................................................40V
LTC2057HV...........................................................65V
Input Voltage
–IN, +IN ...................................V– – 0.3V to V+ + 0.3V
SD, SDCOM ............................V– – 0.3V to V+ + 0.3V
Input Current
–IN, +IN ........................................................... ±10mA
SD, SDCOM ..................................................... ±10mA
Differential Input Voltage
–IN – +IN ..............................................................±6V
SD – SDCOM ........................................ –0.3V to 5.3V
TOP VIEW
DD PACKAGE
8-LEAD (3mm × 3mm) PLASTIC DFN
5
6
7
8
4
3
2
1
SD
–IN
+IN
V–
SDCOM
V+
OUT
NC
–
+
9
V–
TJMAX = 150°C, θJA = 43°C/W
EXPOSED PAD (PIN 9) IS V–
PCB CONNECTION REQUIRED
1
2
3
4
SD
–IN
+IN
V–
8
7
6
5
SDCOM
V+
OUT
NC
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
–
+
TJMAX = 150°C, θJA = 163°C/W
1
2
3
4
8
7
6
5
TOP VIEW
SDCOM
V+
OUT
NC
SD
–IN
+IN
V–
S8 PACKAGE
8-LEAD PLASTIC SO
–
+
TJMAX = 150°C, θJA = 120°C/W
1
2
3
4
5
GRD
–IN
+IN
GRD
V–
10
9
8
7
6
SD
SDCOM
V+
NC
OUT
TOP VIEW
MS PACKAGE
10-LEAD PLASTIC MSOP
–
+
TJMAX = 150°C, θJA = 160°C/W
pin conFiguraTion
Output Short-Circuit Duration.......................... Indefinite
Operating Temperature Range (Note 2)
LTC2057I/LTC2057HVI ........................–40°C to 85°C
LTC2057H/LTC2057HVH ................... –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)...................300°C
(Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com