Electronic Components Datasheet Search
  English  ▼

X  

LTC2057 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC2057
Description  High Voltage, Low Noise Zero-Drift Operational Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2057 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC2057 Datasheet HTML 18Page - Linear Technology LTC2057 Datasheet HTML 19Page - Linear Technology LTC2057 Datasheet HTML 20Page - Linear Technology LTC2057 Datasheet HTML 21Page - Linear Technology LTC2057 Datasheet HTML 22Page - Linear Technology LTC2057 Datasheet HTML 23Page - Linear Technology LTC2057 Datasheet HTML 24Page - Linear Technology LTC2057 Datasheet HTML 25Page - Linear Technology LTC2057 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
LTC2057/LTC2057HV
22
2057f
For more information www.linear.com/LTC2057
applicaTions inForMaTion
Power Dissipation
Since the LTC2057/LTC2057HV is capable of operating at
>30V total supply, care should be taken with respect to
powerdissipationintheamplifier.Whendrivingheavyloads
at high voltages, use the
θJA of the package to estimate
the resulting die-temperature rise and take measures to
ensure that the resulting junction temperature does not
exceed specified limits. PCB metallization and heat sinking
should also be considered when high power dissipation
is expected. Thermal information for all packages can be
found in the Pin Configuration section.
Electrical Overstress
Absolute Maximum Ratings should not be exceeded.
Avoid driving the input and output pins beyond the rails,
especially at supply voltages approaching 60V. If these
fault conditions cannot be prevented, a series resistor at
the pin of interest should help to limit the input current and
reduce the possibility of device damage. This technique
is shown in Figure 8.
Keep the value of the current limiting resistance as low
as possible to avoid adding noise and error voltages from
interaction with input bias currents but high enough to
protect the device. Resistances up to 2k will not seriously
impact noise or precision.
Shutdown Mode
The LTC2057/LTC2057HV features a shutdown mode for
low-power applications. In the OFF state, the amplifier
draws less than 11μA of supply current under all normal
operating conditions, and the output presents a high-
impedance to external circuitry.
Shutdown control is accomplished through differential
signaling. This method allows for low voltage digital
control logic to operate independently of the amplifier’s
high voltage supply rails.
Shutdown operation is accomplished by tying SDCOM to
logic ground and SD to a 3V or 5V logic signal. A sum-
mary of control logic and operating ranges is shown in
Tables 1 and 2.
Table 1. Shutdown Control Logic
SHUTDOWN PIN CONDITION
AMPLIFIER STATE
SD = Float, SDCOM = Float
ON
SD – SDCOM > 2V
ON
SD – SDCOM < 0.8V
OFF
Table 2. Operating Voltage Range for Shutdown Pins
MIN
MAX
SD – SDCOM
–0.2V
5.2V
SDCOM
V–
V+ –2V
SD
V–
V+
If the shutdown feature is not required, SD and SDCOM
may be left floating. Internal circuitry will automatically
keep the amplifier in the ON state.
For operation in noisy environments, a capacitor between
SD and SDCOM is recommended to prevent noise from
changing the shutdown state.
When there is a danger of SD and SDCOM being pulled
beyond the supply rails, resistance in series with the shut-
down pins is recommended to limit the resulting current.
Figure 8. Using a Resistor to Limit Input Current
2057 F08
+
–
RIN LIMITS IOVERLOAD TO <10mA
FOR VIN < 10V OUTSIDE OF THE SUPPLY RAILS.
OUT
LTC2057
VIN
V+
V–
RIN
1k
IOVERLOAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com