Electronic Components Datasheet Search
  English  ▼

X  

LTC2979 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2979
Description  16-Channel PMBus Low-Voltage Power System Manager
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2979 Datasheet(HTML) 3 Page - Linear Technology

  LTC2979 Datasheet HTML 1Page - Linear Technology LTC2979 Datasheet HTML 2Page - Linear Technology LTC2979 Datasheet HTML 3Page - Linear Technology LTC2979 Datasheet HTML 4Page - Linear Technology LTC2979 Datasheet HTML 5Page - Linear Technology LTC2979 Datasheet HTML 6Page - Linear Technology LTC2979 Datasheet HTML 7Page - Linear Technology LTC2979 Datasheet HTML 8Page - Linear Technology LTC2979 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC2979
3
2979f
For more information www.linear.com/LTC2979
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TJ = 25°C. VDD33 = 3.3V, VIN_SNS = 12V, VDD25 and REF pins floating, unless
otherwise indicated. (Notes 2, 3)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Supply Characteristics
IVDD33
VDD33 Supply Current
3.13V ≤ VDD33 ≤ 3.47V
l
10
13
mA
VUVLO_VDD33 VDD33 Undervoltage Lockout
VDD33 Ramping Up
l
2.35
2.55
2.8
V
VDD33 Undervoltage Lockout
Hysteresis
120
mV
VDD33
Supply Input Operating Range
l
3.13
3.47
V
VDD25
Regulator Output Voltage
3.13V ≤ VDD33 ≤ 3.47V
l
2.35
2.5
2.6
V
Regulator Output Short-Circuit Current VDD33 = 3.47V, VDD25 = 0V
l
30
55
80
mA
tINIT
Initialization Time
Time from VIN Applied Until the TON_DELAY
Timer Starts
30
ms
Voltage Reference Characteristics
VREF
Output Voltage (Note 4)
VREF = VREFP – VREFM, 0 < IREFP < 100µA
1.232
V
Temperature Coefficient
3
ppm/°C
Hysteresis
(Note 5)
100
ppm
ADC Characteristics
VIN_ADC
Voltage Sense Input Range
Differential Voltage:
VIN_ADC = (VSENSEPn – VSENSEMn)
l
0
6
V
Single-Ended Voltage: VSENSEMn
l
–0.1
0.1
V
Current Sense Input Range (Odd
Numbered Channels Only)
Single-Ended Voltage: VSENSEPn, VSENSEMn
l
–0.1
6
V
Differential Voltage: VIN_ADC
l
–170
170
mV
N_ADC
Voltage Sense Resolution (Uses L16
Format)
0V ≤ VIN_ADC ≤ 6V
Mfr_config_adc_hires = 0
122
µV/LSB
Current Sense Resolution (Odd
Numbered Channels Only)
0mV ≤ |VIN_ADC| < 16mV (Note 6)
16mV ≤ |VIN_ADC| < 32mV
32mV ≤ |VIN_ADC| < 63.9mV
63.9mV ≤ |VIN_ADC| < 127.9mV
127.9mV ≤ |VIN_ADC|
Mfr_config_adc_hires = 1
15.625
31.25
62.5
125
250
µV/LSB
µV/LSB
µV/LSB
µV/LSB
µV/LSB
TUE_ADC_
VOLT_SNS
Total Unadjusted Error (Note 4)
Voltage Sense Mode VIN_ADC ≥ 1V
l
±0.5
% of
Reading
Voltage Sense Mode 0 ≤ VIN_ADC ≤ 1V
l
±5.0
mV
TUE_ADC_
CURR_SNS
Total Unadjusted Error (Note 4)
Current Sense Mode, Odd Numbered
Channels Only, 20mV ≤ VIN_ADC ≤ 170mV
l
±0.7
% of
Reading
Current Sense Mode, Odd Numbered
Channels Only, VIN_ADC ≤ 20mV
l
±140
µV
VOS_ADC
Offset Error
Current Sense Mode, Odd Numbered
Channels Only
l
±100
µV
tCONV_ADC
Conversion Time
Voltage Sense Mode (Note 7)
6.15
ms
Current Sense Mode (Note 7)
24.6
ms
Temperature Input (Note 7)
24.6
ms
tUPDATE_ADC Update Time
Odd Numbered Channels in Current Sense
Mode (Note 7)
160
ms
CIN_ADC
Input Sampling Capacitance
1
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com