Electronic Components Datasheet Search
  English  ▼

X  

LTC2979 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2979
Description  16-Channel PMBus Low-Voltage Power System Manager
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2979 Datasheet(HTML) 4 Page - Linear Technology

  LTC2979 Datasheet HTML 1Page - Linear Technology LTC2979 Datasheet HTML 2Page - Linear Technology LTC2979 Datasheet HTML 3Page - Linear Technology LTC2979 Datasheet HTML 4Page - Linear Technology LTC2979 Datasheet HTML 5Page - Linear Technology LTC2979 Datasheet HTML 6Page - Linear Technology LTC2979 Datasheet HTML 7Page - Linear Technology LTC2979 Datasheet HTML 8Page - Linear Technology LTC2979 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC2979
4
2979f
For more information www.linear.com/LTC2979
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TJ = 25°C. VDD33 = 3.3V, VIN_SNS = 12V, VDD25 and REF pins floating, unless
otherwise indicated. (Notes 2, 3)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fIN_ADC
Input Sampling Frequency
62.5
kHz
IIN_ADC
Input Leakage Current
VIN_ADC = 0V, 0V ≤ VCOMMONMODE ≤ 6V,
Current Sense Mode
l
±0.5
µA
Differential Input Current
VIN_ADC = 0.17V, Current Sense Mode
l
80
250
nA
VIN_ADC = 6V, Voltage Sense Mode
l
10
15
µA
DAC Output Characteristics
N_VDACP
Resolution
10
Bits
VFS_VDACP
Full-Scale Output Voltage
(Programmable)
DAC Code = 0x3FF
DAC Polarity = 1
Buffer Gain Setting_0
Buffer Gain Setting_1
l
l
1.32
2.53
1.38
2.65
1.44
2.77
V
V
INL_VDACP
Integral Nonlinearity
(Note 8)
l
±2
LSB
DNL_VDACP
Differential Nonlinearity
(Note 8)
l
±2.4
LSB
VOS_VDACP
Offset Voltage
(Note 8)
l
±20
mV
VDACP
Load Regulation (VDACPn – VDACMn)
VDACPn = 2.65V, IVDACPn Sourcing = 2mA
100
ppm/mA
VDACPn = 0.1V, IVDACPn Sinking = 2mA
100
ppm/mA
PSRR (VDACPn – VDACMn)
DC: 3.13V ≤ VDD33 ≤ 3.47V
60
dB
100mV Step in 20ns with 50pF Load
40
dB
DC CMRR (VDACPn – VDACMn)
–0.1V ≤ VDACMn ≤ 0.1V
60
dB
Leakage Current
VDACPn Hi-Z, 0V ≤ VDACPn ≤ 6V
l
±100
nA
Short-Circuit Current Low
VDACPn Shorted to GND
l
–10
–4
mA
Short-Circuit Current High
VDACPn Shorted to VDD33
l
4
10
mA
COUT
Output Capacitance
VDACPn Hi-Z
10
pF
tS_VDACP
DAC Output Update Rate
Fast Servo Mode
500
µs
DAC Soft-Connect Comparator Characteristics
VOS_CMP
Offset Voltage
VDACPn = 0.2V
l
±1
±18
mV
VDACPn = 1.3V
l
±2
±26
mV
VDACPn = 2.65V
l
±3
±52
mV
Voltage Supervisor Characteristics
VIN_VS
Input Voltage Range (Programmable)
VIN_VS = (VSENSEPn
– VSENSEMn)
Low Resolution Mode
High Resolution Mode
l
l
0
0
6
3.8
V
V
Single-Ended Voltage: VSENSEMn
l
–0.1
0.1
V
N_VS
Voltage Sensing Resolution
0V to 3.8V Range: High Resolution Mode
4
mV/LSB
0V to 6V Range: Low Resolution Mode
8
mV/LSB
TUE_VS
Total Unadjusted Error
2V ≤ VIN_VS ≤ 6V, Low Resolution Mode
l
±1.25
% of
Reading
1.5V < VIN_VS ≤ 3.8V, High Resolution
Mode
l
±1.0
% of
Reading
0.8V ≤ VIN_VS ≤ 1.5V, High Resolution
Mode
l
±1.5
% of
Reading
tS_VS
Update Period
12.21
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com