Electronic Components Datasheet Search
  English  ▼

X  

MAX5895 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX5895
Description  16-Bit, 500Msps Interpolating and Modulating Dual DAC with CMOS Inputs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5895 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX5895 Datasheet HTML 9Page - Maxim Integrated Products MAX5895 Datasheet HTML 10Page - Maxim Integrated Products MAX5895 Datasheet HTML 11Page - Maxim Integrated Products MAX5895 Datasheet HTML 12Page - Maxim Integrated Products MAX5895 Datasheet HTML 13Page - Maxim Integrated Products MAX5895 Datasheet HTML 14Page - Maxim Integrated Products MAX5895 Datasheet HTML 15Page - Maxim Integrated Products MAX5895 Datasheet HTML 16Page - Maxim Integrated Products MAX5895 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
When writing to the MAX5895, data is shifted into SDI;
data is shifted out of SDO in a read operation. Bits 0 to
3 of the control byte are the address bits. These bits set
the address of the register to be written to or read from.
Bits 4 to 6 of the control byte must always be set to 0.
Bit 7 is a read/write bit: 0 for write operation and 1 for
read operation. The most significant bit (MSB) is shifted
in first in default mode. If the serial port is set to LSB-
first mode, both the control byte and data byte are shifted
LSB in first. Figures 1 and 2 show the SPI serial interface
operation in the default write and read mode, respectively.
Figure 3 is a timing diagram for the SPI serial interface.
16-Bit, 500Msps Interpolating and Modulating
Dual DAC with CMOS Inputs
______________________________________________________________________________________
13
Figure 1. SPI Serial Interface Write Cycle, MSB-First Mode
CS
SCLK
SDI
SDO
10 0 0 3 2 1 0
HIGH
IMPEDANCE
IGNORED
ADDRESS
DATA
READ CYCLE N - 1
DATA N - 2
10 00 3 2 1 0
HIGH
IMPEDANCE
IGNORED
ADDRESS
DATA
READ CYCLE N
DATA N - 1
10 00 3 2 1 0
HIGH
IMPEDANCE
IGNORED
ADDRESS
DATA
READ CYCLE N + 1
DATA N
00
0
0
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
CS
SCLK
SDI
SDO
HIGH IMPEDANCE
Figure 2. SPI Serial Interface Read Cycle, MSB-First Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com