Electronic Components Datasheet Search
  English  ▼

X  

MAX5895 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5895
Description  16-Bit, 500Msps Interpolating and Modulating Dual DAC with CMOS Inputs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5895 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5895 Datasheet HTML 1Page - Maxim Integrated Products MAX5895 Datasheet HTML 2Page - Maxim Integrated Products MAX5895 Datasheet HTML 3Page - Maxim Integrated Products MAX5895 Datasheet HTML 4Page - Maxim Integrated Products MAX5895 Datasheet HTML 5Page - Maxim Integrated Products MAX5895 Datasheet HTML 6Page - Maxim Integrated Products MAX5895 Datasheet HTML 7Page - Maxim Integrated Products MAX5895 Datasheet HTML 8Page - Maxim Integrated Products MAX5895 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
16-Bit, 500Msps Interpolating and Modulating
Dual DAC with CMOS Inputs
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(DVDD1.8 = AVDD1.8 = 1.8V, AVCLK = AVDD3.3 = DVDD3.3 = 3.3V, modulator off, 2x interpolation, DATACLK input mode, dual-port
mode, 50Ω double-terminated outputs, external reference at 1.25V, TA = -40°C to +85°C, unless otherwise noted. Typical values are
at TA = +25°C, unless otherwise noted.) (Note 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
DVDD1.8, AVDD1.8 to GND, DACREF ..................-0.3V to +2.16V
AVDD3.3, AVCLK, DVDD3.3 to GND, DACREF ........-0.3V to +3.9V
DATACLK, A0–A15, B0–B13,
SELIQ/B15, DATACLK/B14, CS, RESET, SCLK,
SDI and SDO to GND, DACREF ......-0.3V to (DVDD3.3 + 0.3V)
CLKP, CLKN to GND, DACREF..............-0.3V to (AVCLK + 0.3V)
REFIO, FSADJ to GND, DACREF ........-0.3V to (AVDD3.3 + 0.3V)
OUTIP, OUTIN, OUTQP,
OUTQN to GND, DACREF ..................-1V to (AVDD3.3 + 0.3V)
SDO, DATACLK, DATACLK/B14 Continuous Current ..........8mA
Continuous Power Dissipation (TA = +70°C)
68-Pin QFN (derate 41.7mW/°C above +70°C)
(Note 1) ...................................................................3333.3mW
Junction Temperature ......................................................+150°C
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Thermal Resistance θJC (Note 1)...................................-0.8°C/W
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
STATIC PERFORMANCE
Resolution
16
Bits
Differential Nonlinearity
DNL
±1
LSB
Integral Nonlinearity
INL
±3
LSB
Offset Error
OS
-0.01
±0.003
+0.01
%FS
Offset Drift
±0.03
ppm/°C
Full-Scale Gain Error
GEFS
-4
±0.6
+4
%FS
Gain-Error Drift
±110
ppm/°C
Full-Scale Output Current
IOUTFS
220
mA
Output Compliance
-0.5
+1.1
V
Output Resistance
ROUT
1M
Ω
Output Capacitance
COUT
5pF
DYNAMIC PERFORMANCE
Maximum Clock Frequency
fCLK
500
MHz
Minimum Clock Frequency
fCLK
1
MHz
Maximum DAC Update Rate
fDAC
fDAC = fCLK or fDAC = fCLK / 2
500
Msps
Minimum DAC Update Rate
fDAC
fDAC = fCLK or fDAC = fCLK / 2
1
Msps
Maximum Input Data Rate
fDATA
125
MWps
No interpolation
-157
2x interpolation
-158
fDATACLK = 125MHz,
fOUT = 16MHz, fOFFSET
= 10MHz, -12dBFS
4x interpolation
-157
Noise Spectral Density
fDATACLK = 125MHz,
fOUT = 16MHz, fOFFSET
= 10MHz, 0dBFS
4x interpolation
-149
dBFS/
Hz
Note 1: Thermal resistance based on a multilayer board with 4 x 4 via array in exposed paddle area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com