Electronic Components Datasheet Search
  English  ▼

X  

LTC3624 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC3624
Description  17V, 2A Synchronous Step-Down Regulator with 3.5關A Quiescent Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3624 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC3624 Datasheet HTML 12Page - Linear Technology LTC3624 Datasheet HTML 13Page - Linear Technology LTC3624 Datasheet HTML 14Page - Linear Technology LTC3624 Datasheet HTML 15Page - Linear Technology LTC3624 Datasheet HTML 16Page - Linear Technology LTC3624 Datasheet HTML 17Page - Linear Technology LTC3624 Datasheet HTML 18Page - Linear Technology LTC3624 Datasheet HTML 19Page - Linear Technology LTC3624 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LTC3624/LTC3624-2
20
36242fd
For more information www.linear.com/LTC3624
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
LINEAR TECHNOLOGY CORPORATION 2014
LT 0416 REV D • PRINTED IN USA
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/LTC3624
relaTeD parTs
Typical applicaTion
PART NUMBER
DESCRIPTION
COMMENTS
LTC3621
17V, 1A, 2.25MHz/1MHz Synchronous Step-Down
DC/DC Converter
95% Efficiency, VIN: 2.7V to 17V, VOUT(MIN) = 0.6V, IQ = 3.5µA, ISD < 1µA,
2mm × 3mm DFN-6, MSOP-8E Packages
LTC3600
15V, 1.5A, 4MHz Synchronous Rail-to-Rail Single
Resistor Step-Down Regulator
95% Efficiency, VIN: 4V to 15V, VOUT(MIN) = 0V, IQ = 700µA, ISD < 1µA,
3mm × 3mm DFN-12, MSOP-12E Packages
LTC3601
15V, 1.5A (IOUT) 4MHz Synchronous Step-Down
DC/DC Converter
95% Efficiency, VIN: 3.6V to 15V, VOUT(MIN) = 0.6V, IQ = 300µA, ISD < 14µA,
3mm × 3mm QFN-16, MSOP-16E Packages
LTC3603
15V, 2.5A (IOUT) 3MHz Synchronous Step-Down
DC/DC Converter
95% Efficiency, VIN: 4.5V to 15V, VOUT(MIN) = 0.6V, IQ = 75µA, ISD < 1µA,
4mm × 4mm QFN-20, MSOP-16E Packages
LTC3633/LTC3633A 15V/20V, Dual 3A (IOUT) 4MHz Synchronous
Step-Down DC/DC Converter
95% Efficiency, VIN: 3.6V to 15V/20V, VOUT(MIN) = 0.6V, IQ = 500µA,
ISD < 15µA, 4mm × 5mm QFN-28, TSSOP-28E Packages
LTC3605/LTC3605A 15V/20V, 5A (IOUT) 4MHz Synchronous Step-Down
DC/DC Converter
95% Efficiency, VIN: 4V to 15V/20V, VOUT(MIN) = 0.6V, IQ = 2mA, ISD < 15µA,
4mm × 4mm QFN-24 Package
LTC3604
15V, 2.5A (IOUT) 4MHz Synchronous Step-Down
DC/DC Converter
95% Efficiency, VIN: 3.6V to 15V, VOUT(MIN) = 0.6V, IQ = 300µA, ISD < 14µA,
3mm × 3mm QFN-16, MSOP-16E Packages
4.2VOUT, 1MHz, Burst Mode Operation
1.2VOUT, Synced to 500kHz, Forced Continuous Mode
12V Step-Down with 2A Output Current Limit, 2.25MHz
32.4k
15pF
2.2µF
COUT
47µF
36242 TA04
L1
1.5µH
L1: COILCRAFT XAL4020-152ME
VOUT
12V
619k
VIN
RUN
SW
VIN
13V TO 17V
LTC3624-2
GND
FB
MODE/SYNC
INTVCC
CIN
10µF
100k
22pF
2.2µF
COUT
47µF
36242 TA02
L1
2.2µH
L1: COILCRAFT XAL4020 -222ME
VOUT
4.2V
2A MAX
604k
VIN
RUN
SW
VIN
5V TO 17V
LTC3624
GND
FB
MODE/SYNC
INTVCC
CIN
10µF
22pF
2.2µF
COUT
47µF
36242 TA03
L1
2.2µH
604k
500kHz CLK
VIN
RUN
SW
LTC3624
GND
FB
MODE/SYNC
INTVCC
CIN
10µF
VIN
2.7V TO 17V
VOUT
1.2V
2A MAX
604k
L1: COILCRAFT XAL4020 -222ME



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com