Electronic Components Datasheet Search
  English  ▼

X  

LTC3624 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3624
Description  17V, 2A Synchronous Step-Down Regulator with 3.5關A Quiescent Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3624 Datasheet(HTML) 3 Page - Linear Technology

  LTC3624 Datasheet HTML 1Page - Linear Technology LTC3624 Datasheet HTML 2Page - Linear Technology LTC3624 Datasheet HTML 3Page - Linear Technology LTC3624 Datasheet HTML 4Page - Linear Technology LTC3624 Datasheet HTML 5Page - Linear Technology LTC3624 Datasheet HTML 6Page - Linear Technology LTC3624 Datasheet HTML 7Page - Linear Technology LTC3624 Datasheet HTML 8Page - Linear Technology LTC3624 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC3624/LTC3624-2
3
36242fd
For more information www.linear.com/LTC3624
elecTrical characTerisTics The
l
denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TJ = 25°C. (Note 2) VIN = 12V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Operating Voltage
2.7
17
V
VOUT
Output Voltage Range
0.6
VIN
V
IVIN
Input Quiescent Current
Shutdown Mode, VRUN = 0V
Burst Mode Operation
Forced Continuous Mode (Note 3)
0.1
3.5
1.8
1.0
7
µA
µA
mA
VFB
Regulated Feedback Voltage
(Note 4)
l
0.594
0.591
0.6
0.6
0.606
0.609
V
V
VOUT
Regulated Fixed Output Voltage
LTC3624-3.3/LTC3624-23.3 (Note 4)
l
3.267
3.250
3.3
3.3
3.333
3.350
V
V
LTC3624-5/LTC3624-25 (Note 4)
l
4.950
4.925
5.0
5.0
5.050
5.075
V
V
ΔVLINE(REG) Reference Voltage Line Regulation
VIN = 2.7V to 17V (Note 4)
0.01
0.015
%/V
ΔVLOAD(REG) Output Voltage Load Regulation
(Note 4)
0.1
%
ILSW
NMOS Switch Leakage
PMOS Switch Leakage
0.1
0.1
1
1
µA
µA
RDS(ON)
NMOS On-Resistance
115
mΩ
PMOS On-Resistance
VIN = 5V
200
mΩ
DMAX
Maximum Duty Cycle
VFB = 0.5V, VMODE/SYNC = 1.5V
l
100
%
tON(MIN)
Minimum On-Time
60
ns
VRUN
RUN Input High
RUN Input Low
0.35
1.0
V
V
IRUN
RUN Input Current
VRUN = 12V
0
100
nA
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3624HMSE-2#PBF
LTC3624HMSE-2#TRPBF
36242
12-Lead Plastic MSOP
–40°C to 150°C
LTC3624EDD-23.3#PBF
LTC3624EDD-23.3#TRPBF
LGRH
8-Lead (3mm × 3mm) Plastic DFN
–40°C to 125°C
LTC3624IDD-23.3#PBF
LTC3624IDD-23.3#TRPBF
LGRH
8-Lead (3mm × 3mm) Plastic DFN
–40°C to 125°C
LTC3624EMSE-23.3#PBF
LTC3624EMSE-23.3#TRPBF 362423
12-Lead Plastic MSOP
–40°C to 125°C
LTC3624IMSE-23.3#PBF
LTC3624IMSE-23.3#TRPBF
362423
12-Lead Plastic MSOP
–40°C to 125°C
LTC3624HMSE-23.3#PBF LTC3624HMSE-23.3#TRPBF 362423
12-Lead Plastic MSOP
–40°C to 150°C
LTC3624EDD-25#PBF
LTC3624EDD-25#TRPBF
LGRF
8-Lead (3mm × 3mm) Plastic DFN
–40°C to 125°C
LTC3624IDD-25#PBF
LTC3624IDD-25#TRPBF
LGRF
8-Lead (3mm × 3mm) Plastic DFN
–40°C to 125°C
LTC3624EMSE-25#PBF
LTC3624EMSE-25#TRPBF
362425
12-Lead Plastic MSOP
–40°C to 125°C
LTC3624IMSE-25#PBF
LTC3624IMSE-25#TRPBF
362425
12-Lead Plastic MSOP
–40°C to 125°C
LTC3624HMSE-25#PBF
LTC3624HMSE-25#TRPBF
362425
12-Lead Plastic MSOP
–40°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
orDer inForMaTion http://www.linear.com/product/LTC3624#orderinfo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com