Electronic Components Datasheet Search
  English  ▼

X  

LTC4366-2 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4366-2
Description  28V MIL-STD-1275D Surge Stopper
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4366-2 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4366-2 Datasheet HTML 3Page - Linear Technology LTC4366-2 Datasheet HTML 4Page - Linear Technology LTC4366-2 Datasheet HTML 5Page - Linear Technology LTC4366-2 Datasheet HTML 6Page - Linear Technology LTC4366-2 Datasheet HTML 7Page - Linear Technology LTC4366-2 Datasheet HTML 8Page - Linear Technology LTC4366-2 Datasheet HTML 9Page - Linear Technology LTC4366-2 Datasheet HTML 10Page - Linear Technology LTC4366-2 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
dc2150af
DEMO MANUAL DC2150A
ITEM
QTY
REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
38
2
R34, R35
RES., CHIP, 2k, 1W, 1% 2010
VISHAY, CRCW20102K00FKEFHP
39
0
R36
RES., CHIP, 10M, 1/4W, 5% 1206, OPTION
PANASONIC, ERJ-8GEYJ106V (OPTION)
40
1
U1
IC, HIGH VOLTAGE SURGE STOPPER, TS8
LINEAR TECH., LTC4366HTS8-2#TRMPBF
41
1
U2
IC, HIGH VOLTAGE SURGE STOPPER WITH CURRENT
LIMIT, SOIC
LINEAR TECH., LT4363HS-2#PBF
42
1
XJP1
SHUNT, 2mm
SAMTEC, 25N-BK-G
DC2150A-A Required Circuit Components
1
1
DC2150A
DC2150A GENERAL BOM
2
12
C1-C12
CAP., X7S, 10µF, 100V 20% 2220
TDK, C5750X7S2A106M230KB
3
1
C16
CAP., X7R, 0.022µF, 100V 10% 1206
KEMET, C1206C223K1RACTU
4
1
C21
CAP., X7R, 0.22µF, 25V 10% 0805
KEMET, C0805C224K3RACTU
5
0
C23, C27
NOT USED
6
2
C24, C26
CAP., X7R, 1µF, 250V 10% 2220
TDK, C5750X7R2E105K230KA
7
1
D1
DIODE ARRAY, TO-263
VISHAY, UHB20FCT-E3/4W
8
0
D4, D7, D8
NOT USED
9
2
D5, D6, D10
DIODE ARRAY, SOT23
DIODES INC., MMBD3004S-7-F
10
0
HS1, HS2, HS3
NOT USED
11
1
Q1
TRANS., MOSFET N-CH., 300V, TO-263
IXYS, IXTA36N30P
12
1
Q2
TRANS., MOSFET N-CH., 75V, TO-263
FAIRCHILD, FDB045AN08A0
13
0
Q3, Q4
NOT USED
14
1
R3
RES., CHIP, CURRENT SENSE, 0.020Ω, 1/2W, 1% 1206 IRC, LRC-LRF-1206LF-01-R020F
15
1
R21
RES., CHIP, 5.6M, 1/8W, 5% 0805
PANASONIC, ERJ-6GEYJ565V
16
1
R22
RES., CHIP, 0Ω, 1/8W, 0805
YAGEO, RC0805JR-070RL
17
1
R24
RES., CHIP, 20k, 1/8W, 5% 0805
VISHAY, CRCW080520K0JNEA
18
1
R25
RES., CHIP, 4.75k, 1/8W, 1% 0805
VISHAY, CRCW08054K75FKEA
19
1
R30
THERMISTOR, PTC, 470Ω , 0603
EPCOS, B59601A0105A062
20
0
R29, R31, R32
NOT USED
PARTS LIST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com