Electronic Components Datasheet Search
  English  ▼

X  

LTC4366-2 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC4366-2
Description  28V MIL-STD-1275D Surge Stopper
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4366-2 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC4366-2 Datasheet HTML 4Page - Linear Technology LTC4366-2 Datasheet HTML 5Page - Linear Technology LTC4366-2 Datasheet HTML 6Page - Linear Technology LTC4366-2 Datasheet HTML 7Page - Linear Technology LTC4366-2 Datasheet HTML 8Page - Linear Technology LTC4366-2 Datasheet HTML 9Page - Linear Technology LTC4366-2 Datasheet HTML 10Page - Linear Technology LTC4366-2 Datasheet HTML 11Page - Linear Technology LTC4366-2 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
dc2150af
DEMO MANUAL DC2150A
ITEM
QTY
REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
DC2150A-D Required Circuit Components
1
1
DC2150A
DC2150A GENERAL BOM
2
0
C1-C12, C24, C26
NOT USED
3
1
C16
CAP., X7R, 0.015µF, 100V 10% 1206
KEMET, C1206C153K1RACTU
4
1
C21
CAP., X7R, 2.2µF, 25V 10% 0805
TDK, CGA4J3X7R1E225K125AB
5
1
C23
CAP., X7R, 10µF, 16V 10% 0805
SAMSUNG, CL21B106KOQNNNE
6
1
C27
CAP., X7R, 0.033µF, 16V 10% 0805
KEMET, C0805C333K4RACTU
7
0
D1, D5, D6, D10
NOT USED
8
1
D4
DIODE ARRAY, TO-247
VISHAY, FEP30GP-E3/45
9
1
D7
DIODE ARRAY, SOT23
CENTRAL SEMI., CMPSH-3SE
10
1
D8
DIODE, ZENER 3.3V 500mW SOD-123
DIODES INC., MMSZ5226B-7-F
11
3
HS1, HS2, HS3
HEATSINK, VERTICAL MOUNT
ASSMANN WSW COMPONENTS, V8813X
12
0
Q1, Q2
NOT USED
13
1
Q3
TRANS., MOSFET N-CH., 300V, TO-3P
IXYS, IXTQ88N30P
14
1
Q4
TRANS., MOSFET N-CH., 100V, TO-3P
IXYS, IXTQ170N10P
15
1
R3
RES., CHIP, CURRENT SENSE, 0.010Ω, 1/2W, 1% 1206 IRC, LRC-LRF-1206LF-01-R010F
16
1
R22
RES., CHIP, 6.19k, 1/8W, 1% 0805
VISHAY, CRCW08056K19FKEA
17
1
R25
RES., CHIP, 1k, 1/8W, 1% 0805
VISHAY, CRCW08051K00FKEA
18
1
R29
THERMISTOR, PTC, 100Ω, RADIAL LEAD
EPCOS, B59901D100A40
19
1
R31
RES., CHIP, 10k, 1/2W, 5% 1210
PANASONIC, ERJ-14YJ103U
20
1
R32
RES., CHIP, 100k, 1/8W, 5% 0805
YAGEO, RC0805JR-07100KL
21
0
R21, R24, R30
NOT USED
PARTS LIST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com