Electronic Components Datasheet Search
  English  ▼

X  

MP5087A Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP5087A
Description  5.5V, 7A Low RDSON Load Switch with Programmable Current Limit, Power Good, and Output Discharge Function
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5087A Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP5087A Datasheet HTML 1Page - Monolithic Power Systems MP5087A Datasheet HTML 2Page - Monolithic Power Systems MP5087A Datasheet HTML 3Page - Monolithic Power Systems MP5087A Datasheet HTML 4Page - Monolithic Power Systems MP5087A Datasheet HTML 5Page - Monolithic Power Systems MP5087A Datasheet HTML 6Page - Monolithic Power Systems MP5087A Datasheet HTML 7Page - Monolithic Power Systems MP5087A Datasheet HTML 8Page - Monolithic Power Systems MP5087A Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5.5V, 7A Low RDSON Load Switch with Programmable Current Limit, Power Good, and Output Discharge Function
MP5087A Rev. 1.0
www.MonolithicPower.com
5
7/18/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 3.6V, VCC = 3.6V, RLIM=10.5kΩ, TA = 25°C, unless otherwise noted.
0
50
100
150
200
250
300
0
50
100
150
200
250
300
-50
0
50
100
150
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
23
456
0.2
0.25
0.3
0.35
0.4
0.45
0.5
-50
0
50
100
150
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
-50
0
50
100
150
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
-50
0
50
100
150
0
2
4
6
8
10
12
14
0
2
4
6
8
10
12
14
16
-50
0
50
100
150
0
10
20
30
40
50
60
2.5 3 3.5 4 4.5 5 5.5 6 6.5
2.5 3 3.5 4 4.5 5 5.5 6 6.5
0123456789



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com