Electronic Components Datasheet Search
  English  ▼

X  

MP5087A Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP5087A
Description  5.5V, 7A Low RDSON Load Switch with Programmable Current Limit, Power Good, and Output Discharge Function
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5087A Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP5087A Datasheet HTML 1Page - Monolithic Power Systems MP5087A Datasheet HTML 2Page - Monolithic Power Systems MP5087A Datasheet HTML 3Page - Monolithic Power Systems MP5087A Datasheet HTML 4Page - Monolithic Power Systems MP5087A Datasheet HTML 5Page - Monolithic Power Systems MP5087A Datasheet HTML 6Page - Monolithic Power Systems MP5087A Datasheet HTML 7Page - Monolithic Power Systems MP5087A Datasheet HTML 8Page - Monolithic Power Systems MP5087A Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MP5087A
5.5V, 7A Low RDSON Load Switch with
Programmable Current Limit, Power Good,
and Output Discharge Function
MP5087A Rev. 1.0
www.MonolithicPower.com
1
7/18/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP5087A is a load switch, designed to
provide 7A load protection covering 0.5V to
5.5V voltage range. With low RDSON in tiny
package,
MP5087A
provides
very
high
efficiency
and
space-saving
solution
for
notebook, tablet and other portable applications.
With the soft start function, the MP5087A can
avoid inrush current during circuit start up. The
MP5087A also provides other features, like
power good, output discharge function, OCP
and thermal shutdown.
The maximum load at the output (source) is
current limited. This is accomplished by utilizing
a sense FET topology. The magnitude of the
current limit is controlled by an external resistor
from ILIM pin to ground.
This device comes in a tiny 2x2mm QFN12
package.
FEATURES
• Integrated 10mΩ Low RDSON FET
• Adjustable Start Up Slew Rate
• Wide VIN Range: 0.5V to 5.5V
• <1μA Shutdown Current
• Programmable 7A Current Limit Range
• Output Discharge Function
• Enable Pin
• Push-pull PG Indicator for VIN>3V
• <200ns Short-Circuitry Response Protection
• Thermal Protection
• Small QFN-12 (2mmx2mm) Package
APPLICATIONS
• Notebook and Tablet Computers
• Portable Devices
• Solid State Drivers
• Handheld Devices
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MP5087A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP5087 MPS-MP5087 Datasheet
975Kb / 15P
5.5V, 7A Low RDSON Load Switch with Current Monitoring
MP5087GG MPS-MP5087GG Datasheet
975Kb / 15P
5.5V, 7A Low RDSON Load Switch with Current Monitoring
More results

Similar Description - MP5087A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2163 FAIRCHILD-FPF2163_07 Datasheet
811Kb / 13P
Full Function Load Switch with Adjustable Current Limit
logo
Toshiba Semiconductor
TCK104G TOSHIBA-TCK104G Datasheet
336Kb / 12P
Load Switch IC with Current Limit function
logo
Monolithic Power System...
MPQ5073 MPS-MPQ5073 Datasheet
1Mb / 13P
5.5V, 2A Low RDSON Load Switch with Programmable Current Limit AEC-Q100 Qualified
MP5073 MPS-MP5073 Datasheet
972Kb / 16P
5.5V, 2A Low RDSON Load Switch With Programmable Current Limit
MP5077 MPS-MP5077 Datasheet
441Kb / 14P
5.5V, 7A, Low RDSON Load Switch With Programmable Current Limit
MP5083 MPS-MP5083 Datasheet
883Kb / 14P
5.5V, 2A Low RDSON Load Switch with Current Monitoring
MP5086 MPS-MP5086 Datasheet
808Kb / 14P
5.5V, 7A, Low RDSON Load Switch with Current Monitoring and NTC Comparator
MP5087 MPS-MP5087 Datasheet
975Kb / 15P
5.5V, 7A Low RDSON Load Switch with Current Monitoring
MP5092 MPS-MP5092 Datasheet
425Kb / 15P
Dual 5.5V, 7.5A Programmable Current Low RDSON Load Switch with Output Discharge Function
MPQ5072 MPS-MPQ5072 Datasheet
1Mb / 16P
5.5V, 1A Low RDS(ON) Load Switch with Programmable Current Limit,AEC-Q100 Qualified
Rev. 1.0 10/16/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com