Electronic Components Datasheet Search
  English  ▼

X  

MP5095 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP5095
Description  Low IQ, Dual-Channel, 2.3A Load Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5095 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP5095 Datasheet HTML 1Page - Monolithic Power Systems MP5095 Datasheet HTML 2Page - Monolithic Power Systems MP5095 Datasheet HTML 3Page - Monolithic Power Systems MP5095 Datasheet HTML 4Page - Monolithic Power Systems MP5095 Datasheet HTML 5Page - Monolithic Power Systems MP5095 Datasheet HTML 6Page - Monolithic Power Systems MP5095 Datasheet HTML 7Page - Monolithic Power Systems MP5095 Datasheet HTML 8Page - Monolithic Power Systems MP5095 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MP5095
Low IQ, Dual-Channel, 2.3A Load Switch
MP5095 Rev. 1.1
www.MonolithicPower.com
1
7/28/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
DESCRIPTION
The MP5095 integrates a dual-load switch to
provide load protection covering a 0.5V to 5.5V
voltage range. Each channel provides up to
2.3A of load protection covering a 0.5V to 5.5V
voltage range with a 1.85V VCC power supply.
With a small RDS(ON) in a tiny package, the
MP5095 provides a very highly efficient and
space-saving solution for notebook, tablet, or
other portable device applications.
With the internal soft start function, the MP5095
can avoid inrush current during circuit start up.
MP5095 also provides internal current limit,
hiccup
protection
and
thermal
shutdown
features. MP5095 also easily parallel both
channels to double current capability.
The MP5095 is available in the small TSOT23-8
package.
FEATURES
 Integrated 30mΩ Low R
DS(ON) MOSFETs
 Low Quiescent Current: 40µA
 Wide V
IN Range from 0.5V to 5.5V
 <1µA Shutdown Current
 Output Discharge Function
Continuous Current Capability: 2.3A
 Enable Pin (EN1, EN2)
 Short-Circuitry Response Protection
 Easily Parallel-Connect Dual Channel
 Supports Reverse Block Connection
 Thermal Protection
 Available in a TSOT23-8 Package
APPLICATIONS
 Notebook and Tablet Computers
 Portable Devices
 Solid State Drivers
 Handheld Devices
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive. For
MPS green status, please visit the MPS website under Quality Assurance.
“MPS”
and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
EN1
VOUT1=VIN1
2.3A
EN2
VOUT2=VIN2
2.3A
GND
On
Off
MP5095
On
Off
VCC
1.85V-5.5V
EN1
IN1
EN2
IN2
VCC
GND
OUT1
OUT2
VIN1
0.5V-5.5V
VIN2
0.5V-5.5V


Similar Part No. - MP5095

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP5090 MPS-MP5090 Datasheet
433Kb / 15P
Low IQ, Dual-Channel, 3A/2A Load Switch
MP5090GC MPS-MP5090GC Datasheet
433Kb / 15P
Low IQ, Dual-Channel, 3A/2A Load Switch
MP5090GQHT MPS-MP5090GQHT Datasheet
433Kb / 15P
Low IQ, Dual-Channel, 3A/2A Load Switch
MP5092 MPS-MP5092 Datasheet
425Kb / 15P
Dual 5.5V, 7.5A Programmable Current Low RDSON Load Switch with Output Discharge Function
MP5092GD MPS-MP5092GD Datasheet
425Kb / 15P
Dual 5.5V, 7.5A Programmable Current Low RDSON Load Switch with Output Discharge Function
More results

Similar Description - MP5095

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22966 TI1-TPS22966 Datasheet
858Kb / 26P
Dual Channel, Ultra-Low Resistance Load Switch
TPS22968 TI1-TPS22968 Datasheet
1Mb / 33P
Dual Channel, Ultra-Low Resistance Load Switch
logo
Richtek Technology Corp...
RT9736A RICHTEK-RT9736A Datasheet
248Kb / 16P
Dual Channel, Low Resistance Load Switch
RT9740A RICHTEK-RT9740A Datasheet
248Kb / 16P
Dual Channel, Ultra-Low Resistance Load Switch
logo
MagnaChip Semiconductor...
MSI2206 MGCHIP-MSI2206 Datasheet
1Mb / 12P
Dual Channel 6A Load Switch
logo
Monolithic Power System...
MP5090 MPS-MP5090 Datasheet
433Kb / 15P
Low IQ, Dual-Channel, 3A/2A Load Switch
logo
Excelliance MOS Corp.
EM5208 EXCELLIANCE-EM5208 Datasheet
872Kb / 9P
Dual Channel, Ultra-Low Resistance Load Switch
EM5209 EXCELLIANCE-EM5209 Datasheet
1Mb / 10P
Dual Channel, Ultra-Low Resistance Load Switch
logo
Alpha & Omega Semicondu...
AOZ1331DI AOSMD-AOZ1331DI Datasheet
1Mb / 14P
Dual Channel Smart Load Switch
AOZ1331ADI AOSMD-AOZ1331ADI Datasheet
854Kb / 14P
Dual Channel Smart Load Switch
Rev. 1.3 July 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com