Electronic Components Datasheet Search
  English  ▼

X  

MP5095 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP5095
Description  Low IQ, Dual-Channel, 2.3A Load Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5095 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP5095 Datasheet HTML 6Page - Monolithic Power Systems MP5095 Datasheet HTML 7Page - Monolithic Power Systems MP5095 Datasheet HTML 8Page - Monolithic Power Systems MP5095 Datasheet HTML 9Page - Monolithic Power Systems MP5095 Datasheet HTML 10Page - Monolithic Power Systems MP5095 Datasheet HTML 11Page - Monolithic Power Systems MP5095 Datasheet HTML 12Page - Monolithic Power Systems MP5095 Datasheet HTML 13Page - Monolithic Power Systems MP5095 Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
MP5095
– LOW I
Q, DUAL-CHANNEL, 2.3A LOAD SWITCH
MP5095 Rev. 1.1
www.MonolithicPower.com
11
7/28/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
APPLICATION INFORMATION
Selecting the VCC Capacitor
VCC is an internal load switch supply voltage to
the control circuitry. Use low ESR capacitors for
the best performance. Ceramic capacitors with
X5R
or
X7R
dielectrics
are
highly
recommended because of their low ESR and
small
temperature
coefficients.
For
most
applications, a 1µF capacitor is sufficient.
Selecting the Input and Output Capacitor
The input capacitor is very important for
protecting the part from input voltage spikes
when a dead short or VIN hot-plug occurs. 0805
ceramic capacitors with X5R or X7R dielectrics
are highly recommended because of their low
ESR and small temperature coefficients. For
most applications, a 10µF 0805 input capacitor
and a 1µF 0603 output capacitor are sufficient
for each channel. For high input voltage
applications, an input capacitor 22µF or greater
for each channel is highly recommended.
Reverse Current Block Usage
The dual-channel load switch can be combined
to a single-channel load switch with a reverse
current block function (see Figure 2). IN1 is the
input port, and IN2 is the output port. When
EN1 = EN2 = high, the internal MOSFET is on.
When EN1 = EN2 = low, the internal MOSFET
is off, and the body diode blocks the reverse
current.
EN
GND
On
Off
VCC
1.85V-5.5V
EN1
IN1
EN2
IN2
VCC
GND
OUT1
OUT2
VIN
0.5V-5.5V
VOUT
0.5V-5.5V
Controller
Controller
MP5095
Figure 2: Reverse Current Block Usage
Parallel Channels Usage
The MP5095 can be parallel-connected to
achieve a 4.6A single-load switch (see Figure
3). In this parallel connection, IN1 is connected
to IN2 externally, and OUT1 is connected to
OUT2 externally.
EN
VOUT=VIN
4.6A
GND
On
Off
MP5095
VCC
1.85V-5.5V
EN1
IN1
EN2
IN2
VCC
GND
OUT1
OUT2
VIN
0.5V-5.5V
Figure 3: Parallel Channels Usage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com