Electronic Components Datasheet Search
  English  ▼

X  

BZT52C8V2 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BZT52C8V2
Description  SURFACE MOUNT ZENER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BZT52C8V2 Datasheet(HTML) 1 Page - Diodes Incorporated

  BZT52C8V2 Datasheet HTML 1Page - Diodes Incorporated BZT52C8V2 Datasheet HTML 2Page - Diodes Incorporated BZT52C8V2 Datasheet HTML 3Page - Diodes Incorporated BZT52C8V2 Datasheet HTML 4Page - Diodes Incorporated BZT52C8V2 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BZT52C2V0 - BZT52C51
Document number: DS18004 Rev. 38 - 2
1 of 5
www.diodes.com
October 2017
© Diodes Incorporated
BZT52C2V0 - BZT52C51
SURFACE MOUNT ZENER DIODE
Features
Planar Die Construction
500mW Power Dissipation
General Purpose, Medium Current
Ideally Suited for Automated Assembly Processes
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Notes 3 & 4)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOD123
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Matte Tin Finish Annealed over Alloy 42 Leadframe
(Lead Free Plating). Solderable per MIL-STD-202, Method 208
Polarity: Cathode Band
Weight: 0.010 grams (Approximate)
Ordering Information (Notes 5 & 6)
Part Number
Qualification
Case
Packaging
(Type Number)-7-F
Commercial
SOD123
3,000/Tape & Reel
(Type Number)Q-7-F
Automotive
SOD123
3,000/Tape & Reel
(Type Number)-13-F
Commercial
SOD123
10,000/Tape & Reel
(Type Number)Q-13-F
Automotive
SOD123
10,000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. Product manufactured with Date Code V9 (week 33, 2008) and newer are built with Green Molding Compound. Product manufactured prior to Date
Code V9 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
5. For packaging details, go to our website at http://www.diodes.com.
6. For (Type Number), please see the Electrical Characteristics Table. Example: 6.2V Zener = BZT52C6V2Q-13-F.
Marking Information
Date Code Key
Year
2013
2014
2015
2016
2017
…
2020
2021
2022
2023
2024
Code
A
B
C
D
E
…
H
I
J
K
L
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Top View
xx = Product Type Marking Code
(See Electrical Characteristics Table)
YM = Date Code Marking
Y = Year (ex: E = 2017)
M = Month (ex: 9 = September)
SOD123


Similar Part No. - BZT52C8V2

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZT52C8V2 DIODES-BZT52C8V2 Datasheet
73Kb / 3P
SURFACE MOUNT ZENER DIODE
DS18004 Rev. 19 - 2
logo
Micro Commercial Compon...
BZT52C8V2 MCC-BZT52C8V2 Datasheet
407Kb / 4P
410 mW Zener Diodes 2.4 to 39 Volts
logo
Diotec Semiconductor
BZT52C8V2 DIOTEC-BZT52C8V2 Datasheet
55Kb / 2P
Surface mount Zener Diodes
logo
Diodes Incorporated
BZT52C8V2 DIODES-BZT52C8V2 Datasheet
79Kb / 3P
SURFACE MOUNT ZENER DIODE
DS18004 Rev. 21 - 2
logo
Continental Device Indi...
BZT52C8V2 CDIL-BZT52C8V2 Datasheet
325Kb / 4P
SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - BZT52C8V2

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
BZT52C5V1LP DIODES-BZT52C5V1LP Datasheet
274Kb / 4P
SURFACE MOUNT ZENER DIODE
DS30506 Rev. 11 - 2
logo
Weitron Technology
MMBZ5221BW WEITRON-MMBZ5221BW Datasheet
369Kb / 3P
Surface Mount Zener Diode
logo
Taiwan Semiconductor Co...
MMSZ5221B TSC-MMSZ5221B Datasheet
59Kb / 3P
Surface Mount Zener Diode
logo
Galaxy Semi-Conductor H...
BZT52C2V0S BILIN-BZT52C2V0S Datasheet
228Kb / 4P
Surface mount zener diode
BZT52C2V4 BILIN-BZT52C2V4 Datasheet
232Kb / 4P
Surface mount zener diode
logo
Microdiode Semiconducto...
BZT52C2V7 CHENDA-BZT52C2V7 Datasheet
283Kb / 4P
Surface mount zener diode
BZT52C4V7 CHENDA-BZT52C4V7 Datasheet
283Kb / 4P
Surface mount zener diode
BZT52C8V2 CHENDA-BZT52C8V2 Datasheet
283Kb / 4P
Surface mount zener diode
logo
Shenzhen Luguang Electr...
MMSZ5221BS LUGUANG-MMSZ5221BS Datasheet
188Kb / 3P
Surface mount zener diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com