Electronic Components Datasheet Search
  English  ▼

X  

BZT52C8V2 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # BZT52C8V2
Description  SURFACE MOUNT ZENER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BZT52C8V2 Datasheet(HTML) 3 Page - Diodes Incorporated

  BZT52C8V2 Datasheet HTML 1Page - Diodes Incorporated BZT52C8V2 Datasheet HTML 2Page - Diodes Incorporated BZT52C8V2 Datasheet HTML 3Page - Diodes Incorporated BZT52C8V2 Datasheet HTML 4Page - Diodes Incorporated BZT52C8V2 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BZT52C2V0 - BZT52C51
Document number: DS18004 Rev. 38 - 2
3 of 5
www.diodes.com
October 2017
© Diodes Incorporated
BZT52C2V0 - BZT52C51
0
0.1
0.2
0.3
0.4
25
0
50
75
100
125
150
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Power Derating Curve
A
°
R
= 338°C/W
Note 8
JA
0
5
10
15
20
0
2
4
6
8
10
V , ZENER VOLTAGE (V)
Fig. 2 Typical Zener Breakdown Characteristics
Z
C2V0
C2V4
C2V7
C3V0
C3V3
C3V6
C3V9
C4V3
C4V7
C5V1
C5V6
C6V2
C6V8
C7V5
0
10
20
30
0
V , ZENER VOLTAGE (V)
Fig. 3 Typical Zener Breakdown Characteristics
Z
10
20
30
40
T = 25°C
J
Test Current I
5mA
Z
Test Current I
2mA
Z
C10
C12
C18
C22
C27
C33
C36
C15
0
2
4
6
8
10
10
0
20
30
40
50
60
70
80
90 100
V , ZENER VOLTAGE (V)
Fig. 4 Typical Zener Breakdown Characteristics
Z
10
100
1,000
10
100
1
V , NOMINAL ZENER VOLTAGE (V)
Fig. 5 Typical Total Capacitance vs. Nominal Zener Voltage
Z
T = 25 °C
f = 1MHz
J
V = 1V
R
V = 2V
R
V = 1V
R
V = 2V
R



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com