Electronic Components Datasheet Search
  English  ▼

X  

CS8190 Datasheet(PDF) 7 Page - ON Semiconductor

Part # CS8190
Description  Precision Air-Core Tach/Speedo Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8190 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button CS8190 Datasheet HTML 3Page - ON Semiconductor CS8190 Datasheet HTML 4Page - ON Semiconductor CS8190 Datasheet HTML 5Page - ON Semiconductor CS8190 Datasheet HTML 6Page - ON Semiconductor CS8190 Datasheet HTML 7Page - ON Semiconductor CS8190 Datasheet HTML 8Page - ON Semiconductor CS8190 Datasheet HTML 9Page - ON Semiconductor CS8190 Datasheet HTML 10Page - ON Semiconductor CS8190 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
CS8190
www.onsemi.com
7
Figure 7. Partial Schematic of Input and Charge Pump
VREG
FREQIN
SQOUT
R3
2.0 V
QSQUARE
CCP
R4
VC(t)
CP+
Q1
Q2
Q3
0.25 V
2.0 V
CP−
RT
C4
F/VOUT
F to V
+
−
+
−
+
−
Figure 8. Timing Diagram of FREQIN and ICP
VREG
FREQIN
SQOUT
0
ICP+
tCHG
T
VCP+
0
0
VCC
tDCHG
Ripple voltage on the F/V output causes pointer or needle
flutter especially at low input frequencies.
The response time of the F/V is determined by the time
constant formed by RT and C4. Increasing the value of C4
will reduce the ripple on the F/V output but will also increase
the response time. An increase in response time causes a
very slow meter movement and may be unacceptable for
many applications.
The CS8190 has an undervoltage detect circuit that disables
the input comparator when VCC falls below 8.0 V(typical).
With no input signal the F/V output voltage decreases and the
needle moves towards zero. A second undervoltage detect
circuit at 6.0 V(typical) causes the function generator to
generate a differential SIN drive voltage of zero volts and the
differential COS drive voltage to go as high as possible. This
combination of voltages (Figure 2) across the meter coil
moves the needle to the 0
° position. Connecting a large
capacitor(> 2000
mF) to the VCC lead (C2 in Figure 9)
increases the time between these undervoltage points since
the capacitor discharges slowly and ensures that the needle
moves towards 0
° as opposed to 360°. The exact value of the
capacitor depends on the response time of the system,the
maximum meter deflection and the current consumption of
the circuit. It should be selected by breadboarding the design
in the lab.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com