Electronic Components Datasheet Search
  English  ▼

X  

CS8190 Datasheet(PDF) 9 Page - ON Semiconductor

Part # CS8190
Description  Precision Air-Core Tach/Speedo Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8190 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button CS8190 Datasheet HTML 4Page - ON Semiconductor CS8190 Datasheet HTML 5Page - ON Semiconductor CS8190 Datasheet HTML 6Page - ON Semiconductor CS8190 Datasheet HTML 7Page - ON Semiconductor CS8190 Datasheet HTML 8Page - ON Semiconductor CS8190 Datasheet HTML 9Page - ON Semiconductor CS8190 Datasheet HTML 10Page - ON Semiconductor CS8190 Datasheet HTML 11Page - ON Semiconductor CS8190 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
CS8190
www.onsemi.com
9
1
1
R3
R4
R2
C3
C1
D2
R1
D1
GND
COSINE
SINE
C4
CCP
RT
+
Speedo
Input
Battery
Air Core
Gauge
200
W
CP+
CP−
SQOUT
F/VOUT
VREG
GND
GND
SINE+
SINE−
BIAS
FREQIN
GND
GND
COS+
COS−
VCC
Speedometer
CS8441
C2
Odometer
Air Core
Stepper
Motor
200
W
Trim Resistor
± 20 PPM/°C
243 k
W
0.1
mF
1.0 A
600 PIV
3.9,
500 mW
10 k
W
3.0 k
W
1.0 k
W
0.0033
mF
0.47
mF
0.1
mF
50 V,
500 mW
Zener
Figure 10. Speedometer With Odometer or Tachometer Application
± 30 PPM/°C
Notes:
1. C2 = 10
mF with CS8441 application.
2. The product of CCP and RT have a direct effect on the transfer function (f to V conversion) and therefore directly affect
temperature compensation.
3. CCP Range; 20 pF to 0.2 mF.
4. RT Range; 100 kW to 500 kW.
5. The IC must be protected from transients above 60 V and reverse battery conditions.
6. Additional filtering on the FREQIN lead may be required.
7. Gauge coil connections to the IC must be kept as short as possible (
≤ 3.0 inch) for best pointer stability.
10
mF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com