Electronic Components Datasheet Search
  English  ▼

X  

MP171GS Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP171GS
Description  Small, Universal Input Non-Isolated Off-Line Regulator Evaluation Board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP171GS Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP171GS Datasheet HTML 1Page - Monolithic Power Systems MP171GS Datasheet HTML 2Page - Monolithic Power Systems MP171GS Datasheet HTML 3Page - Monolithic Power Systems MP171GS Datasheet HTML 4Page - Monolithic Power Systems MP171GS Datasheet HTML 5Page - Monolithic Power Systems MP171GS Datasheet HTML 6Page - Monolithic Power Systems MP171GS Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
EV171-S-00A – SMALL OFF-LINE REGULATOR EVALUATION BOARD
EV171-S-00A Rev.1.0
www.MonolithicPower.com
5
9/23/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacture
Manufacture_PN
1
C1
22nF
Ceramic Capacitor;
16V; X7R
0603
muRata
GRM188R71C223KA01D
1
C2
2.2uF
Ceramic Capacitor;
10V; X7R
0603
muRata
GRM188R71A225KE15D
2
C3, C4
2.2uF
Electrolytic Capacitor;
400V
DIP
Rubycon
400LLE2R2MEFC
1
C5
22uF
Ceramic Capacitor;
25V; X5R
1206
muRata
GRM31CR61E226KE15
1
C7
470pF
Ceramic Capacitor;
50V; X7R
0603
TDK
C1608X7R1H471K
3
D1,
D2, D4
SRGC10MH
Diode; 1000V; 1A
1206
ZOWIE
SRGC10MH
1
D3
STTH1R06
Diode; 600V; 1A
DO-41
ST
STTH1R06
1
L1
1mH
Inductor; 17.4Ω;
100mA
DIP
Any
CKL0410-102
1
L2
1mH
Inductor; 6Ω; 250mA
DIP
Wurth
7447462102
1
R1
41.2K
Film Resistor; 1%
0603
Yageo
RC0603FR-0741K2L
1
R2
39.2K
Film Resistor; 1%
0603
Yageo
RC0603FR-0739K2L
1
R3
1.2K
Film Resistor; 1%
0603
Yageo
RC0603FR-071K2L
1
RF1
39
Fuse Resistor; 5%; 1W
DIP
Yageo
FKN1WSJT-50-39R
1
U1
MP171
Buck Regulator
SOIC8
MPS
MP171GS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com