Electronic Components Datasheet Search
  English  ▼

X  

MP171GS Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP171GS
Description  Small, Universal Input Non-Isolated Off-Line Regulator Evaluation Board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP171GS Datasheet(HTML) 6 Page - Monolithic Power Systems

  MP171GS Datasheet HTML 1Page - Monolithic Power Systems MP171GS Datasheet HTML 2Page - Monolithic Power Systems MP171GS Datasheet HTML 3Page - Monolithic Power Systems MP171GS Datasheet HTML 4Page - Monolithic Power Systems MP171GS Datasheet HTML 5Page - Monolithic Power Systems MP171GS Datasheet HTML 6Page - Monolithic Power Systems MP171GS Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
EV171-S-00A – SMALL OFF-LINE REGULATOR EVALUATION BOARD
EV171-S-00A Rev.1.0
www.MonolithicPower.com
6
9/23/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
CIRCUIT DESCRIPTION
The EV171-S-00A is configured in a buck
topology to demonstrate the performance of
MP171. MP171 is a primary side controller which
provides accurate constant voltage. It simplifies
the schematic and minimizes the BOM cost.
FR1 is used to protect circuit from component
failure or some excessive short events; also it can
restrain the inrush current.
C3, L1 and C4 compose CLC filter to meet the
conducted EMI standard EN55022. C3 is also
used for energy storage and protecting against
line surge.
With FR1, C3 and C4 used, EV171-S-00A meets
2kV IEC61000-4-5 surge immunity standard.
C1 is the sample-hold capacitor used for
reflecting output voltage. R1 and R2 are resistor
divider for detecting output voltage by sampling
voltage on C1.
D3 is the freewheeling diode. For universal
voltage applications, use a diode with a 600V
reverse block voltage. Fast recovery diode or
ultra fast diode is recommended for better
efficiency and reliable operation.
C5 is the output capacitors for 5V output. R3 is
dummy load to lower the output voltage of 5V rail
at no load condition.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com