Electronic Components Datasheet Search
  English  ▼

X  

MP1906DS Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP1906DS
Description  80V, High Frequency Half-Bridge Gate Driver EV Board
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1906DS Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP1906DS Datasheet HTML 1Page - Monolithic Power Systems MP1906DS Datasheet HTML 2Page - Monolithic Power Systems MP1906DS Datasheet HTML 3Page - Monolithic Power Systems MP1906DS Datasheet HTML 4Page - Monolithic Power Systems MP1906DS Datasheet HTML 5Page - Monolithic Power Systems MP1906DS Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
EV1906-S-00A – 80V, HALF-BRIDGE GATE DRIVER
EV1906-S-00A Rev.1.0
www.MonolithicPower.com
2
12/26/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
1210
160V
100uF
C2
1210
GND
NE555
CV
5
TRI
2
THD
6
OUT
3
VCC
8
RST
4
DISC
7
U1
VCC_5V
GND
GND
GND
VCC_5V
SHDN
5
FB
4
OUT
3
MP2016
U3
GND
GND
GND
GND
VCC_5V
VCC_12V
HPWM
2
LPWM
3
GND
4
BG
5
SW
6
TG
7
BT
8
U2
MP1906
1uF
C9
GND
VCC_12V
25uF/1206
C6
0.1uF
C5
GND
GND
VCC_5V
1
2
D1
BAV19W/SOD-123
2.2
R5
0
R4
0
R7
0
R6
392
R3
2.05K
R1
100K
R8
76.8k
R9
24.9K
R10
NS
C8
NS
C10
1nF
C1
10nF
C7
1uF/1206
C11
4.7uF/1206
C12
JP2
JP3
0.22uF
C3
0.22uF
C4
VPOWER
GND_Vpower
SW
GND_Vsw
GND
HPWM
LPWM
BG
TG
PWM
PWM
0
R2
VCC_12V
VCC_5V
22nF
C13
1, 2, 3
5, 6, 7, 8
Q1
4
1, 2, 3
5, 6, 7, 8
Q2
GND_PWM
GND_supply
0.1uF/0805
C14
GND
GND
GND



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com