Electronic Components Datasheet Search
  English  ▼

X  

MP1906DS Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP1906DS
Description  80V, High Frequency Half-Bridge Gate Driver EV Board
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1906DS Datasheet(HTML) 6 Page - Monolithic Power Systems

  MP1906DS Datasheet HTML 1Page - Monolithic Power Systems MP1906DS Datasheet HTML 2Page - Monolithic Power Systems MP1906DS Datasheet HTML 3Page - Monolithic Power Systems MP1906DS Datasheet HTML 4Page - Monolithic Power Systems MP1906DS Datasheet HTML 5Page - Monolithic Power Systems MP1906DS Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
EV1906-S-00A – 80V, HALF-BRIDGE GATE DRIVER
NOTICE:
The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
EV1906-S-00A Rev.1.0
www.MonolithicPower.com
6
12/26/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
QUICK START GUIDE
EV1906-S-00A is configured in a half-bridge. Below is the recommended setting for users to evaluate
the EV board.
1. Preset Driver Power Supply between 10V-16V.
2. Preset Input Power Supply between 0V-80V.
3. Connect Driver Power Supply terminals to:
a. Positive (+): VCC_12V
b. Negative (–): GND
4. Connect Input Power Supply terminals to:
a. Positive (+): VPOWER
b. Negative (–): GND
5. Connect Load to:
a. Positive (+): SW
b. Negative (–): GND
6. Turn on Driver Power Supply.
7. To turn off the board, please follow these steps:
a. Turn off load.
b. Turn off Input Power Supply.
c. Turn off Driver Power Supply.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com