Electronic Components Datasheet Search
  English  ▼

X  

MP2131GG Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2131GG
Description  4A, 5.5V, 1.2MHz Synchronous Step-Down Switcher Evaluation Board
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2131GG Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2131GG Datasheet HTML 1Page - Monolithic Power Systems MP2131GG Datasheet HTML 2Page - Monolithic Power Systems MP2131GG Datasheet HTML 3Page - Monolithic Power Systems MP2131GG Datasheet HTML 4Page - Monolithic Power Systems MP2131GG Datasheet HTML 5Page - Monolithic Power Systems MP2131GG Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
EV2131-G-00A – 4A, 5.5V, 1.2MHZ, SYNC STEP-DOWN SWITCHER
EV2130DG-01A Rev.1.0
www.MonolithicPower.com
4
11/14/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
EVB TEST RESULTS (continued)
Performance waveforms are tested on the evaluation board.
VIN = 5V, VOUT = 1.2V, L = 1.0µH, TA = 25ºC, unless otherwise noted.
VOUT/AC
50mV/div.
IOUT
2A/div.
VOUT/AC
10mV/div.
VSW
2V/div.
IINDUCTOR
2A/div.
VOUT
1V/div.
VSW
2V/div.
IINDUCTOR
5A/div.
VOUT
1V/div.
VSW
2V/div.
IINDUCTOR
5A/div.
VOUT
1V/div.
VSW
2V/div.
IINDUCTOR
5A/div.
VOUT
1V/div.
VSW
2V/div.
IINDUCTOR
5A/div.
VOUT
1V/div.
VSW
2V/div.
IINDUCTOR
5A/div.
VOUT/AC
100mV/div.
VSW
2V/div.
IINDUCTOR
500mA/div.
VOUT/AC
100mV/div.
VSW
2V/div.
IINDUCTOR
500mA/div.
Output Ripple
IOUT= 4A
Output Ripple
VIN=3.6V, VOUT=3.3V, IOUT= 0A
Output Ripple
VIN=3.6V, VOUT=3.3V, IOUT= 0.1A
Short Circuit Steady State
Short Circuit Entry
IOUT= 0A
Short Circuit Recovery
IOUT= 0A
Short Circuit Entry
IOUT= 4A
Short Circuit Recovery
IOUT= 4A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com