Electronic Components Datasheet Search
  English  ▼

X  

MP2131GG Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2131GG
Description  4A, 5.5V, 1.2MHz Synchronous Step-Down Switcher Evaluation Board
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2131GG Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2131GG Datasheet HTML 1Page - Monolithic Power Systems MP2131GG Datasheet HTML 2Page - Monolithic Power Systems MP2131GG Datasheet HTML 3Page - Monolithic Power Systems MP2131GG Datasheet HTML 4Page - Monolithic Power Systems MP2131GG Datasheet HTML 5Page - Monolithic Power Systems MP2131GG Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
EV2131-G-00A
4A, 5.5V, 1.2MHz Synchronous
Step-Down Switcher Evaluation Board
EV2130DG-01A Rev.1.0
www.MonolithicPower.com
1
11/14/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The EV2131-G-00A is used for demonstrating
the performance of MPS’s MP2131, a low
voltage high switching frequency step-down
switcher with built in power MOSFETs. MP2131
provides up to 4A highly efficient output with
constant-on-time control for fast loop response.
MP2131
is
ideal
for
powering
portable
equipment that runs from a single cell Lithium-
ion (Li+) Battery. The output voltage can be
regulated as low as 0.6V.
High power efficiency over a wide load range is
achieved by scaling down the switching
frequency at light load to reduce the switching
related loss by constant on time control. Short
circuit and thermal shutdown provides reliable,
fault-tolerant operation.
MP2131 is available in QFN12 (2x2mm)
package.
ELECTRICAL SPECIFICATION
Parameter
Symbol
Value
Units
Input Voltage
VIN
2.7– 5.5
V
Output Voltage
VOUT
1.2
V
Output Current
IOUT
4
A
FEATURES
• Wide 2.7V to 5.5V Operating Input Range
• Up to 4A Output Current
• 19μA Quiescent Current
• 32mΩ and 17mΩ Internal Power MOSFET
• 1.2MHz CCM Switching Frequency
• EN and Power Good for Power Sequencing
• Cycle-by-Cycle Over Current Protection
• Auto Discharge at Power Off
• Short Circuit Protection with Hiccup Mode
• Thermal Shutdown
• Stable with Low ESR Ceramic Output
Capacitors
• Internal Soft-Start
• Available in a QFN12 (2x2mm) Package
APPLICATIONS
•
Storage Drives
•
Portable/Handheld Devices
•
Wireless/Networking Cards
• Low Voltage I/O System Power
For MPS green status, please visit MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology”, are Registered Trademarks
of Monolithic Power Systems, Inc.
ADAM (Analog Digital Adaptive Modulation), AAM (….) areTrademarks of
Monolithic Power Systems, Inc.
The MP#### is covered by US Patents #,###,###, #,###,###, #,###,###.
EV2131-G-00A EVALUATION BOARD
I
Board Number
MPS IC Number
EV2131-G-00A
MP2131GG
OUTPUT CURRENT (A)
40
45
50
55
60
65
70
75
80
85
90
95
100
0.01
0.1
1
10
VOUT=3.3V
VOUT=1.2V


Similar Part No. - MP2131GG

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2131GG MPS-MP2131GG Datasheet
1Mb / 16P
High Efficiency, 4 A, 5.5 V, 1.2 MHz Synchronous Step-Down Converter
More results

Similar Description - MP2131GG

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2144 MPS-MP2144 Datasheet
363Kb / 14P
2A, 5.5V, 1.2MHz, 40A IQ, COT Synchronous Step Down Switcher
MP2143 MPS-MP2143 Datasheet
478Kb / 14P
3A, 5.5V, 1.2MHz, 40uA IQ, COT Synchronous Step Down Switcher
MP2147 MPS-MP2147 Datasheet
712Kb / 19P
5.5V, 4A, 1.2MHz, High-Efficiency, 40uA IQ Constant On-Time Synchronous, Step-Down Switcher
MP2187 MPS-MP2187 Datasheet
440Kb / 18P
Dual 3A, 5.5V, 1.2MHz, COT Synchronous Step-Down Switcher
MP9143 MPS-MP9143 Datasheet
483Kb / 15P
3A, 5.5V, 1.2MHz, 40uA IQ, COT Synchronous Step Down Switcher
EV2143H-D-00A MPS-EV2143H-D-00A Datasheet
483Kb / 7P
3A, 5.5V, 2MHz Synchronous Step-Down Switcher Evaluation Board
EV2145-D-00A MPS-EV2145-D-00A Datasheet
552Kb / 8P
5.5V, 6A, 1.2MHz, High-Efficiency, 40uA IQ Constant On-Time Synchronous, Step-Down Switcher Evaluation Board
EV2147-D-00A MPS-EV2147-D-00A Datasheet
496Kb / 8P
5.5V, 4A, 1.2MHz, High-Efficiency, 40uA IQ Constant On-Time Synchronous, Step-Down Switcher Evaluation Board
EVM3805-QB-00A MPS-EVM3805-QB-00A Datasheet
148Kb / 4P
6V, 0.6A Synchronous Step-Down Switcher Evaluation Board
EVM3805-QB-01A MPS-EVM3805-QB-01A Datasheet
394Kb / 5P
6V, 0.6A Synchronous Step-Down Switcher Evaluation Board
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com