Electronic Components Datasheet Search
  English  ▼

X  

LTC2965 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2965
Description  100V Micropower Single Voltage Monitor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2965 Datasheet(HTML) 2 Page - Linear Technology

  LTC2965 Datasheet HTML 1Page - Linear Technology LTC2965 Datasheet HTML 2Page - Linear Technology LTC2965 Datasheet HTML 3Page - Linear Technology LTC2965 Datasheet HTML 4Page - Linear Technology LTC2965 Datasheet HTML 5Page - Linear Technology LTC2965 Datasheet HTML 6Page - Linear Technology LTC2965 Datasheet HTML 7Page - Linear Technology LTC2965 Datasheet HTML 8Page - Linear Technology LTC2965 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LTC2965
2
2965fc
For more information www.linear.com/LTC2965
ABSOLUTE MAXIMUM RATINGS
Input Voltages
VIN ....................................................... –0.3V to 140V
PS, RS ..................................................... –0.3V to 6V
INH, INL................................................... –0.3V to 6V
Output Voltages
OUT ..................................................... –0.3V to 140V
Average Currents
VIN ...................................................................–20mA
OUT ...................................................................±5mA
REF ....................................................................±5mA
INH, INL.............................................................–1mA
(Notes 1, 2)
ORDER INFORMATION
Lead Free Finish
TUBE
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2965CDD#PBF
LTC2965CDD#TRPBF
LGMK
8-Lead (3mm × 3mm) Plastic DFN
0°C to 70°C
LTC2965IDD#PBF
LTC2965IDD#TRPBF
LGMK
8-Lead (3mm × 3mm) Plastic DFN
–40°C to 85°C
LTC2965HDD#PBF
LTC2965HDD#TRPBF
LGMK
8-Lead (3mm × 3mm) Plastic DFN
–40°C to 125°C
LTC2965CMS#PBF
LTC2965CMS#TRPBF
2965
16-Lead Plastic MSOP
0°C to 70°C
LTC2965IMS#PBF
LTC2965IMS#TRPBF
2965
16-Lead Plastic MSOP
–40°C to 85°C
LTC2965HMS#PBF
LTC2965HMS#TRPBF
2965
16-Lead Plastic MSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on nonstandard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
Operating Ambient Temperature Range
LTC2965C................................................ 0°C to 70°C
LTC2965I .............................................–40°C to 85°C
LTC2965H.......................................... –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)...................300°C
TOP VIEW
9
GND
DD PACKAGE
8-LEAD (3mm
× 3mm) PLASTIC DFN
5
6
7
8
4
3
2
1
VIN
REF
INH
INL
OUT
GND
RS
PS
TJMAX = 150°C, θJA = 43°C/W
EXPOSED PAD (PIN 9) PCB GND CONNECTION OPTIONAL
1
2
3
4
5
6
7
8
VIN
NC
NC
NC
NC
REF
INH
INL
16
15
14
13
12
11
10
9
OUT
NC
NC
NC
NC
GND
RS
PS
TOP VIEW
MS PACKAGE
16-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 120°C/W
PIN CONFIGURATION
(http://www.linear.com/product/LTC2965#orderinfo)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com