Electronic Components Datasheet Search
  English  ▼

X  

LTC2965 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2965
Description  100V Micropower Single Voltage Monitor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2965 Datasheet(HTML) 3 Page - Linear Technology

  LTC2965 Datasheet HTML 1Page - Linear Technology LTC2965 Datasheet HTML 2Page - Linear Technology LTC2965 Datasheet HTML 3Page - Linear Technology LTC2965 Datasheet HTML 4Page - Linear Technology LTC2965 Datasheet HTML 5Page - Linear Technology LTC2965 Datasheet HTML 6Page - Linear Technology LTC2965 Datasheet HTML 7Page - Linear Technology LTC2965 Datasheet HTML 8Page - Linear Technology LTC2965 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
LTC2965
3
2965fc
For more information www.linear.com/LTC2965
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, RS = GND, PS = GND,
INH = 1.2V, INL = GND (Notes 1, 2).
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input Supply Operating Range
VIN
l
3.5
100
V
VMON
VIN Monitor Range
3.5
98
V
IVIN
VIN Input Supply Current
VIN = 100V, 40x
l
3
7
15
µA
VUVLO
Undervoltage Lockout
VIN Rising
l
3
V
Undervoltage Lockout Hysteresis
VIN Falling
70
mV
Comparator Reference Input: INH, INL
VCM
Comparator Common Mode Voltage
l
0.35
2.45
V
VERR
VIN Error Voltage at 96V
INH = VREF, 40x
0.35V ≤ INH ≤ 2.4V, 40x
l
l
±250
±250
±1360
±400
mV
mV
VIN Error Voltage at 24V
INH = VREF, 10x
0.35V ≤ INH ≤ 2.4V, 10x
l
l
±35
±35
±315
±75
mV
mV
VOS
Comparator Offset Voltage
INH = 0.35V, 10x
l
±1.9
±3
mV
AVERR
Internal Resistive Divider Range Error
INH = 2.4V, Range = 10x, 40x
l
±0.4
%
VHYS
Comparator Built-in Hysteresis
INH = GND, INL Rising, VIN = 24V
INL = GND , INH Falling, VIN = 24V
l
l
14
–30
22
–22
30
–14
mV
mV
VHYTH
Built-in Hysteresis Enable Threshold
l
100
175
mV
tPD
VIN to OUT Comparator Propagation Delay
Overdrive = 10%, OUT Falling,10x
INH = GND, INL = 1.2V
l
40
80
µs
IIN(LKG)
Input Leakage Current (INH, INL)
V = 1.2V, I-Grade
V = 1.2V, H-Grade
l
l
±0.1
±0.1
±1
±10
nA
nA
Reference: REF
VREF
Reference Output Voltage
IREF ≤ 100µA, VIN ≥ 3.5V
l
2.378 2.402 2.426
V
Noise
Reference Output Noise
100Hz to 100kHz
140
µVRMS
Control Inputs: RS, PS
VTH
Select Input Threshold
l
0.4
1.4
V
ILKG
Input Leakage Current
V = 2.4V
l
±100
nA
Status Outputs: OUT
VOL
Voltage Output Low
VIN = 1.25V, I = 10µA
VIN = 3.5V, I = 500µA
l
l
100
400
mV
mV
VOH
Voltage Output High
VIN = 3.5V, I = –1µA
VIN ≥ 4.5V, I = –1µA
l
l
2
2.8
2.375
3
2.75
4
V
V
IOH
Output Current High
V = GND, VIN = 3.5V
l
–15
–7.5
–5
µA
IO(LKG)
Leakage Current, Output High
V = 100V, VIN = 6V
l
±250
nA
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All currents into pins are positive; all voltages are referenced to
GND unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com