Electronic Components Datasheet Search
  English  ▼

X  

CG2409M2 Datasheet(PDF) 2 Page - California Eastern Labs

Part # CG2409M2
Description  High Power SPDT RF Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

CG2409M2 Datasheet(HTML) 2 Page - California Eastern Labs

  CG2409M2 Datasheet HTML 1Page - California Eastern Labs CG2409M2 Datasheet HTML 2Page - California Eastern Labs CG2409M2 Datasheet HTML 3Page - California Eastern Labs CG2409M2 Datasheet HTML 4Page - California Eastern Labs CG2409M2 Datasheet HTML 5Page - California Eastern Labs CG2409M2 Datasheet HTML 6Page - California Eastern Labs CG2409M2 Datasheet HTML 7Page - California Eastern Labs CG2409M2 Datasheet HTML 8Page - California Eastern Labs CG2409M2 Datasheet HTML 9Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CG2409M2
This document is subject to change without notice.
2
PIN CONFIGURATION AND
INTERNAL BLOCK DIAGRAM
TRUTH TABLE
VC1
VC2
RFC-RF1
RFC-RF2
High
Low
ON
OFF
Low
High
OFF
ON
ABSOLUTE MAXIMUM RATINGS
(TA = +25 °C, unless otherwise specified)
Parameter
Symbol
Rating
Unit
Control Voltage
VC
6.0Note 1
V
Input Power
Pin
+38.0Note 2
dBm
Operating Ambient Temperature
TA
-45~+85
°C
Storage Temperature
Tstg
-55~+150
°C
Note
1. |VC1 - VC2|
≦6.0V
2. 3.0V
≦|VC1 – VC2|≦5.0V, 0.4GHz≦f≦3.8GHz
RECOMMENDED OPERATING RANGE
(TA = +25 °C, unless otherwise specified)
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Operating Frequency
f
0.05
-
3.8
GHz
Switch Control Voltage (H)
VC(H)
+1.8
+3.0
+5.0
V
Switch Control Voltage (L)
VC(L)
-0.2
0
+0.2
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com