Electronic Components Datasheet Search
  English  ▼

X  

CG2409M2 Datasheet(PDF) 1 Page - California Eastern Labs

Part # CG2409M2
Description  High Power SPDT RF Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

CG2409M2 Datasheet(HTML) 1 Page - California Eastern Labs

  CG2409M2 Datasheet HTML 1Page - California Eastern Labs CG2409M2 Datasheet HTML 2Page - California Eastern Labs CG2409M2 Datasheet HTML 3Page - California Eastern Labs CG2409M2 Datasheet HTML 4Page - California Eastern Labs CG2409M2 Datasheet HTML 5Page - California Eastern Labs CG2409M2 Datasheet HTML 6Page - California Eastern Labs CG2409M2 Datasheet HTML 7Page - California Eastern Labs CG2409M2 Datasheet HTML 8Page - California Eastern Labs CG2409M2 Datasheet HTML 9Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
This document is subject to change without notice.
Date Published: September 2017
CDS-0032-04 (Issue D)
DESCRIPTION
The CG2409M2 is a GaAs MMIC high power SPDT
(Single Pole Double Throw) switch which was
designed for WiMAX and Wireless LAN applications
FEATURES
Control voltage:
VC(H) = 1.8 to 5.0 V (3.0V TYP.)
VC(L) = -0.2 to 0.2 V (0V TYP.)
Low insertion loss:
Lins1 = 0.35 dB TYP. @ f = 1.0 GHz
Lins2 = 0.42 dB TYP. @ f = 2.5 GHz
Lins3 = 0.45 dB TYP. @ f = 3.0 GHz
High isolation:
ISL1 = 34 dB TYP. @ f = 1.0 GHz
ISL2 = 30 dB TYP. @ f = 2.5 GHz
ISL3 = 26 dB TYP. @ f = 3.0 GHz
Power Handling
Pin(0.1dB) = +36.5 dBm TYP. @ f = 0.4 to 3.8 GHz,
VC(H) = 3.0 V, VC(L) = 0 V
ORDERING INFORMATION
PACKAGE
6-pin mini mold Package
(2.0mm x 1.25mm x 0.9mm)
APPLICATIONS
WiMAX and wireless LAN
(IEEE802.11 b/g/n)
Part Number
Order Number
Package
Marking
Description
CG2409M2
CG2409M2-C4
6-pin mini mold
(Pb-Free)
C0L
• Embossed Tape 8 mm wide
• Pin 4, 5, 6 face the perforation
side of the tape
• MOQ 10 kpcs/reel
CG2409M2-EVAL
CG2409M2-EVAL
• Evaluation Board with DC block
capacitors, power supply
bypass capacitors, and RF and
DC connectors
• MOQ 1
RF SWITCH
CG2409M2
Enter a Short Document/Title Name Here
High Power SPDT RF Switch


Similar Part No. - CG2409M2

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
CG2409M2 CEL-CG2409M2 Datasheet
921Kb / 7P
High Power SPDT RF Switch
CG2409M2 CEL-CG2409M2 Datasheet
925Kb / 8P
High Power SPDT RF Switch
CG2409M2-C4 CEL-CG2409M2-C4 Datasheet
921Kb / 7P
High Power SPDT RF Switch
CG2409M2-EVAL CEL-CG2409M2-EVAL Datasheet
921Kb / 7P
High Power SPDT RF Switch
CG2409M2-EVAL CEL-CG2409M2-EVAL Datasheet
925Kb / 8P
High Power SPDT RF Switch
More results

Similar Description - CG2409M2

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4230 PEREGRINE-PE4230 Datasheet
258Kb / 7P
SPDT High Power UltraCMOS??RF Switch
logo
Spectrum Microwave, Inc...
TWD5002 SPECTRUM-TWD5002 Datasheet
60Kb / 1P
SPDT RF SWITCH
TWP2219 SPECTRUM-TWP2219 Datasheet
58Kb / 1P
SPDT RF SWITCH
logo
California Eastern Labs
CG2409M2 CEL-CG2409M2 Datasheet
921Kb / 7P
High Power SPDT RF Switch
CG2409X3 CEL-CG2409X3 Datasheet
881Kb / 7P
High Power SPDT RF Switch
CG2409M2 CEL-CG2409M2_16 Datasheet
925Kb / 8P
High Power SPDT RF Switch
CG2409X3 CEL-CG2409X3_16 Datasheet
886Kb / 8P
High Power SPDT RF Switch
logo
Infineon Technologies A...
BGS12PN10 INFINEON-BGS12PN10 Datasheet
2Mb / 17P
SPDT high linearity, high power RF Switch
Revision 1.2 - 2016-07-07
logo
Mini-Circuits
HSW2-272VHDR MINI-HSW2-272VHDR Datasheet
300Kb / 5P
SPDT RF Switch
logo
California Eastern Labs
CG2409X3 CEL-CG2409X3_17 Datasheet
913Kb / 10P
High Power SPDT RF Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com