Electronic Components Datasheet Search
  English  ▼

X  

LTC4120 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC4120
Description  Wireless Power Receiver and 400mA Buck Battery Charger
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4120 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC4120 Datasheet HTML 9Page - Linear Technology LTC4120 Datasheet HTML 10Page - Linear Technology LTC4120 Datasheet HTML 11Page - Linear Technology LTC4120 Datasheet HTML 12Page - Linear Technology LTC4120 Datasheet HTML 13Page - Linear Technology LTC4120 Datasheet HTML 14Page - Linear Technology LTC4120 Datasheet HTML 15Page - Linear Technology LTC4120 Datasheet HTML 16Page - Linear Technology LTC4120 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
LTC4120/LTC4120-4.2
13
4120ff
For more information www.linear.com/LTC4120
Figure 5. Resonant Receiver Tank
CX
C2S
1:n
LX
LR
C2P
D8
D5
D9
DHC
LTC4120
IN
CIN
4120 F05
OPERATION
of a basic power transmitter that may be used with the
LTC4120.Thistransmittertypicallyoperatesatafrequency
of approximately 130kHz; though the operating frequency
varies depending on the load at the receiver and the cou-
pling to the receiver coil. For LX = 5µH, and CX = 300nF,
the transmitter frequency is:
fO ≈
1
2 • π • LX •CX
= 130kHz
This transmitter typically generates an AC coil current of
about 2.5ARMS. For more information on this transmitter,
refer to AN138: Wireless Power Users Guide.
The receiver consists of a coil, LR,configuredinaresonant
circuitfollowedbyarectifierandtheLTC4120.Thereceiver
coilpresentsaloadreflectedbacktothetransmitterthrough
the mutual inductance between LR and LX. The reflected
impedance of the receiver may influence the operating
frequency of the transmitter. Likewise, the power output
by the transmitter depends on the load at the receiver. The
resonant coupled charging system, consisting of both the
transmitter and LTC4120 charger, provides an efficient
method for wireless battery charging as the power output
by the transmitter varies automatically based on the power
used to charge a battery.
Dynamic Harmonization Control
Dynamic harmonization control (DHC) is a technique for
regulating the received input power in a wireless power
transfer system. DHC modulates the impedance of the
resonant receiver to regulate the voltage at the input to
the LTC4120. When the input voltage to the LTC4120 is
below the VIN(DHC) set point, the LTC4120 allows more
power to appear at the receiver by tuning the receiver
resonance closer to the transmitter resonance. If the input
voltage exceeds VIN(DHC), the LTC4120 tunes the receiver
resonance away from the transmitter, which reduces the
power available at the receiver. The amount that the input
power increases or decreases is a function of the coupling,
the tuning capacitor, C2P, the receiver coil, LR, and the
operating frequency.
Figure 5 illustrates the components that implement the
DHC function to automatically tune the resonance of the
receiver. Capacitor C2S and inductor LR serve as a series
resonator. Capacitor C2P and the DHC pin of the LTC4120
form a parallel resonance when the DHC pin is low imped-
ance,anddisconnectwhentheDHCpinishighimpedance.
C2P adjusts the receiver resonance to control the amount
of power available at the input of the LTC4120. C2P also
affects power dissipation in the LTC4120 due to the AC
current being shunted by the DHC pin. For this reason it
is not recommended to apply total capacitance in excess
of 30nF at this pin.
Using DHC, the LTC4120 automatically adjusts the power
received depending on load requirements; typically the
load is battery charge current. This technique results in
significant power savings, as the power required by the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com